Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZY7015LT3 Datasheet(PDF) 3 Page - Power-One

Part # ZY7015LT3
Description  3V to 13.2V Input 0.5V to 5.5V Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ZY7015LT3 Datasheet(HTML) 3 Page - Power-One

  ZY7015LT3 Datasheet HTML 1Page - Power-One ZY7015LT3 Datasheet HTML 2Page - Power-One ZY7015LT3 Datasheet HTML 3Page - Power-One ZY7015LT3 Datasheet HTML 4Page - Power-One ZY7015LT3 Datasheet HTML 5Page - Power-One ZY7015LT3 Datasheet HTML 6Page - Power-One ZY7015LT3 Datasheet HTML 7Page - Power-One ZY7015LT3 Datasheet HTML 8Page - Power-One ZY7015LT3 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
ZY7015 15A DC-DC Intelligent POL Data Sheet
3V to 13.2V Input 0.5V to 5.5V Output
4.
Electrical Specifications
Specifications apply at the input voltage from 3V to 13.2V, output load from 0 to 15A, ambient temperature from -40°C to 85°C,
100
µF output capacitance, and default performance parameters settings unless otherwise noted.
4.1
Input Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Input voltage (VIN)
At VIN<4.75V, VLDO pin needs to be
connected to an external voltage source
higher than 4.75V
3
13.2
VDC
Input Current (at no load)
VIN≥4.75V, VLDO pin connected to VIN
50
mADC
Undervoltage Lockout (VLDO
connected to VIN)
Ramping Up
Ramping Down
4.2
3.75
VDC
VDC
Undervoltage Lockout (VLDO
connected to VAUX=5V)
Ramping Up
Ramping Down
3.0
2.5
VDC
VDC
External Low Voltage Supply
Connect to VLDO pin when VIN<4.75V
4.75
13.2
VDC
VLDO Input Current
Current drawn from the external low
voltage supply at VLDO=5V
50
mADC
4.2
Output Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Output Voltage Range (VOUT)
Programmable
1
Default (no programming)
0.5
0.5
5.5
VDC
VDC
Output Voltage Setpoint Accuracy
VIN=12V, IOUT=0.5*IOUT MAX,
FSW=500kHz, room temperature
(See Ordering Information)
Output Current (IOUT)
VIN MIN to VIN MAX
-15
2
15
ADC
Line Regulation
VIN MIN to VIN MAX
±0.3
%VOUT
Load Regulation
0 to IOUT MAX
±0.3
%VOUT
Dynamic Regulation
Peak Deviation
Settling Time
Slew rate 2.5A/
µs, 50 - 100% load step
COUT=300µF, FSW=1MHz
to 10% of peak deviation
100
50
mV
µs
Output Voltage Peak-to-Peak
Ripple and Noise
BW=20MHz
Full Load
VIN=5.0V, VOUT=0.5V
VIN=5.0V, VOUT=2.5V
VIN=13.2V, VOUT=0.5V
VIN=13.2V, VOUT=2.5V
VIN=13.2V, VOUT=5.0V
10
15
15
25
35
mV
mV
mV
mV
mV
mV
Temperature Coefficient
VIN=12V, IOUT=0.5*IOUT MAX
20
ppm/°C
Switching Frequency
Default
Programmable, 250kHz steps
500
500
1,000
kHz
kHz
Duty Cycle Limit
Default
Programmable, 1.56% steps
0
90.5
95
%
%
1
ZY7015 is a step-down converter, thus the output voltage is always lower than the input voltage as show in Figure 1.
2 At the negative output current (bus terminator mode) efficiency of the ZY7015 degrades resulting in increased internal power dissipation.
Therefore maximum allowable negative current under specific conditions is 20% lower than the current determined from the derating curves
shown in paragraph 5.5.
ZD-00283 REV. 2.2
www.power-one.com
Page 3 of 34


Similar Part No. - ZY7015LT3

ManufacturerPart #DatasheetDescription
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-Q1 POWER-ONE-ZY7010LG-Q1 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T1 POWER-ONE-ZY7010LG-T1 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T2 POWER-ONE-ZY7010LG-T2 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T3 POWER-ONE-ZY7010LG-T3 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
More results

Similar Description - ZY7015LT3

ManufacturerPart #DatasheetDescription
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7120 POWER-ONE-ZY7120 Datasheet
1Mb / 34P
   20A DC-DC Intelligent POL Data Sheet 3V to 13.2V Input 0.5V to 5.5V Output
ZY1015 POWER-ONE-ZY1015 Datasheet
868Kb / 17P
   15A No-Bus POL 3V to 14V Input 0.5V to 5.5V Output
ZY7007 POWER-ONE-ZY7007 Datasheet
1Mb / 35P
   7A DC-DC Intelligent POL 3V to 14V Input - 0.5V to 5.5V Output
ZY1120G POWER-ONE-ZY1120G Datasheet
325Kb / 17P
   ZY1120 20A No-Bus POL Data Sheet 3V to 14V Input ??0.5V to 5.5V Output
Y5117P POWER-ONE-Y5117P Datasheet
1Mb / 14P
   3.0V to 13.2V Input 0.7V to 3.63V Output
DP8105 POWER-ONE-DP8105 Datasheet
2Mb / 35P
   8V to 14V Input , 0.7V to 5.5V Output
DP8110 POWER-ONE-DP8110 Datasheet
2Mb / 34P
   8V to 14V Input, 0.7V to 5.5V Output
logo
Maxim Integrated Produc...
MAX3160EEVKIT MAXIM-MAX3160EEVKIT Datasheet
160Kb / 7P
   3V to 5.5V Single-Supply Operation
2007
logo
Analog Devices
MAX77675 AD-MAX77675 Datasheet
4Mb / 64P
   Low IQ SIMO PMIC with 0.5V to 5.5V Outputs Delivering Up to 700mA Total Output Current
Rev 0; 03/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com