Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26324GN Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS26324GN
Description  3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26324GN Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS26324GN Datasheet HTML 1Page - Dallas Semiconductor DS26324GN Datasheet HTML 2Page - Dallas Semiconductor DS26324GN Datasheet HTML 3Page - Dallas Semiconductor DS26324GN Datasheet HTML 4Page - Dallas Semiconductor DS26324GN Datasheet HTML 5Page - Dallas Semiconductor DS26324GN Datasheet HTML 6Page - Dallas Semiconductor DS26324GN Datasheet HTML 7Page - Dallas Semiconductor DS26324GN Datasheet HTML 8Page - Dallas Semiconductor DS26324GN Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 120 page
background image
1 of 120
REV: 053107
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS26324 is a 16-channel short-haul line
interface unit (LIU) that supports E1/T1/J1 from a
single
3.3V
power
supply.
A
wide
variety
of
applications
are
supported
through
internal
impedance matching. A single bill of material can
support
E1/T1/J1
that
requires
no
external
termination.
Redundancy
is
supported
through
nonintrusive
monitoring,
optimal
high-impedance
modes
and
configurable
1:1
or
1+1
backup
enhancements. An on-chip synthesizer generates the
E1/T1/J1 clock rates by a single master clock input of
various frequencies. Two clock output references are
also offered. The device is offered in a 256-pin
TE-CSBGA, the smallest package available for a
16-channel LIU.
APPLICATIONS
T1 Digital Cross-Connects
ATM and Frame Relay Equipment
Wireless Base Stations
ISDN Primary Rate Interface
E1/T1/J1 Multiplexer and Channel Banks
E1/T1/J1 LAN/WAN Routers
FUNCTIONAL DIAGRAM
TNEG
RCLK
TPOS
TCLK
RPOS
RNEG
SOFTWARE CONTROL
AND JTAG
TRANSMITTER
RECEIVER
LOSS
1
16
RTIP
RRING
JTAG
TTIP
TRING
FEATURES
16 E1, T1, or J1 Short-Haul Line Interface
Units
Independent E1, T1 or J1 Selections
Fully Internal Impedance Match Requires No
External Resistors
Software-Selectable Transmit and Receive-
Side Impedance Match
Crystal-Less Jitter Attenuator
Selectable Single-Rail and Dual-Rail Mode
and AMI or HDB3/B8ZS Line Encoding and
Decoding
Detection and Generation of AIS
Digital/Analog Loss of Signal Detection as
per T1.231, G.775 and ETS 300 233
External Master Clock Can Be Multiple of
2.048MHz or 1.544MHz for T1/J1 or E1
Operation; This Clock Will Be Internally
Adapted for T1 or E1 Usage
Receiver Signal Level Indicator from -2.5dB to
-20dB in 2.5dB Increments
Two Built-In BERT Testers for Diagnostics
8-Bit Parallel Interface Support for Intel or
Motorola Mode or a 4-Wire Serial Interface
Transmit Short-Circuit Protection
G.772 Nonintrusive Monitoring
Receive Monitor Mode Handles Combinations
of 14dB to 20dB of Resistive Attenuation
Along with 12dB to 30dB of Cable Attenuation
Specification Compliance to the Latest T1
and E1 Standards—ANSI T1.102, AT&T Pub
62411, T1.231, T1.403, ITU-T G.703, G.742,
G.775, G.823, ETS 300 166, and ETS 300 233
Single 3.3V Supply with 5V Tolerant I/O
JTAG Boundary Scan as Per IEEE 1149.1
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS26324G
0°C to +70°C
256 TE-CSBGA
DS26324GN
-40°C to +85°C
256 TE-CSBGA
DS26324
3.3V, 16-Channel, E1/T1/J1
Short-Haul Line Interface Unit
www.maxim-ic.com


Similar Part No. - DS26324GN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26324GN MAXIM-DS26324GN Datasheet
746Kb / 112P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
REV: 070105
DS26324GN MAXIM-DS26324GN Datasheet
1Mb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
Rev 3/11
DS26324GN++ MAXIM-DS26324GN+ Datasheet
1Mb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
Rev 3/11
More results

Similar Description - DS26324GN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26324 MAXIM-DS26324 Datasheet
746Kb / 112P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
REV: 070105
logo
Renesas Technology Corp
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
logo
Exar Corporation
XRT83VSH316 EXAR-XRT83VSH316_07 Datasheet
559Kb / 97P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316_15 Datasheet
1Mb / 98P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
563Kb / 96P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82P20416 IDT-IDT82P20416 Datasheet
1Mb / 121P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
logo
Dallas Semiconductor
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26324 MAXIM-DS26324_11 Datasheet
1Mb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
Rev 3/11
DS26303 MAXIM-DS26303 Datasheet
1,004Kb / 97P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV 072205
DS26334 MAXIM-DS26334 Datasheet
1Mb / 121P
   3.3V, 16-Channel, E1/T1/J1 Short- and Long-Haul Line Interface Unit
19-5753; Rev 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com