Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8787HL Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8787HL
Description  10-bit, 3.0 V analog-to-digital interface for CCD cameras
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8787HL Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8787HL Datasheet HTML 1Page - NXP Semiconductors TDA8787HL Datasheet HTML 2Page - NXP Semiconductors TDA8787HL Datasheet HTML 3Page - NXP Semiconductors TDA8787HL Datasheet HTML 4Page - NXP Semiconductors TDA8787HL Datasheet HTML 5Page - NXP Semiconductors TDA8787HL Datasheet HTML 6Page - NXP Semiconductors TDA8787HL Datasheet HTML 7Page - NXP Semiconductors TDA8787HL Datasheet HTML 8Page - NXP Semiconductors TDA8787HL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1998 Oct 15
4
Philips Semiconductors
Preliminary specification
10-bit, 3.0 V analog-to-digital interface for
CCD cameras
TDA8787
PINNING
SYMBOL
PIN
DESCRIPTION
VCCD3
1
digital supply voltage 3
DGND3
2
digital ground 3
AGND4
3
analog ground 4
IN
4
input signal from CCD
AGND1
5
analog ground 1
VCCA1
6
analog supply voltage 1
CPCDS1
7
clamp storage capacitor pin 1
CPCDS2
8
clamp storage capacitor pin 2
OFDOUT
9
analog output of the additional 8-bit control DAC
STDBY
10
standby mode control input (LOW: TDA8787 active; HIGH: TDA8787 standby)
PBK
11
pre-blanking control input
CLPDM
12
clamp pulse input at dummy pixel
CLPOB
13
clamp pulse input at optical black
TEST1
14
test pin input 1 (should be connected to AGND2)
TEST2
15
test pin input 2 (should be connected to AGND1)
TEST3
16
test pin input 3 (should be connected to AGND2)
AGND2
17
analog ground 2
VCCA2
18
analog supply voltage 2
VCCD1
19
digital supply voltage 1
DGND1
20
digital ground 1
SDATA
21
serial data input for serial interface control
SCLK
22
serial clock input for serial interface
SEN
23
strobe pin for serial interface
VSYNC
24
vertical sync pulse input
VCCO
25
output supply voltage
OGND
26
digital output ground
D0
27
ADC digital output 0 (LSB)
D1
28
ADC digital output 1
D2
29
ADC digital output 2
D3
30
ADC digital output 3
D4
31
ADC digital output 4
D5
32
ADC digital output 5
D6
33
ADC digital output 6
D7
34
ADC digital output 7
D8
35
ADC digital output 8
D9
36
ADC digital output 9 (MSB)
OE
37
output enable control input (LOW: outputs active; HIGH: outputs in high impedance)
VCCD2
38
digital supply 2
DGND2
39
digital ground 2
CLK
40
data clock input


Similar Part No. - TDA8787HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA8787AHL PHILIPS-TDA8787AHL Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA8787AHL/S1 PHILIPS-TDA8787AHL/S1 Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
More results

Similar Description - TDA8787HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
   10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8784 PHILIPS-TDA8784 Datasheet
112Kb / 28P
   18 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Sep 21
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com