Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8786A Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8786A
Description  10-bit analog-to-digital interface for CCD cameras
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8786A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8786A Datasheet HTML 6Page - NXP Semiconductors TDA8786A Datasheet HTML 7Page - NXP Semiconductors TDA8786A Datasheet HTML 8Page - NXP Semiconductors TDA8786A Datasheet HTML 9Page - NXP Semiconductors TDA8786A Datasheet HTML 10Page - NXP Semiconductors TDA8786A Datasheet HTML 11Page - NXP Semiconductors TDA8786A Datasheet HTML 12Page - NXP Semiconductors TDA8786A Datasheet HTML 13Page - NXP Semiconductors TDA8786A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
1997 Nov 17
10
Philips Semiconductors
Product specification
10-bit analog-to-digital interface for
CCD cameras
TDA8786; TDA8786A
Total chain timing (CDS + ADC + SOFT CLIPPER + PRE BLANKING + ADC)
td
time delay between
CDSP1 and CLK
50% at rising edges of
CLK and CDSP1:
transition full-scale code 0
to code 1023;
Vi(CDS)(p-p) = 1200 mV
40
ns
N(rms)
noise (RMS value)
gain = 3.5 dB
0.5
LSB
Digital-to-Analog Converters (OFDOUT DAC)
VOFDOUT(p-p)
additional 8-bit control
DAC (OFD) output voltage
(peak-to-peak value)
1.4
V
VOFDOUT(0)
DC output voltage for
code 0
2.0
V
VOFDOUT(255)
DC output voltage for
code 255
3.4
V
ZOFDOUT
additional 8-bit control
DAC (OFD) output
impedance
2000
−Ω
IOFDOUT
OFD output current drive
static
−−
50
µA
ADC clamp control DAC (see Fig.5)
VDACOUT(p-p)
ADC clamp 10-bit control
DAC output voltage
(peak-to-peak value)
0.9
V
VDACOUT
DC output voltage
code 0
1.4
V
code 1023
2.3
V
ZDACOUT
ADC clamp control DAC
output impedance
−−
250
IDACOUT
DAC output current drive
static
−−
50
µA
OFELOOP
maximum offset error of
DAC + ADC clamp loop
code 0
−± 5
LSB
code 1023
−± 5
LSB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA8786A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8780M PHILIPS-TDA8780M Datasheet
70Kb / 16P
   True logarithmic amplifier
1995 Jul 25
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783H PHILIPS-TDA8783H Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HL PHILIPS-TDA8783HL Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HL NXP-TDA8783HL Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
More results

Similar Description - TDA8786A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8784 PHILIPS-TDA8784 Datasheet
112Kb / 28P
   18 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Sep 21
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com