Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPIC33FJ128MC510 Datasheet(PDF) 4 Page - Microchip Technology

Part # DSPIC33FJ128MC510
Description  Silicon Errata
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ128MC510 Datasheet(HTML) 4 Page - Microchip Technology

  DSPIC33FJ128MC510 Datasheet HTML 1Page - Microchip Technology DSPIC33FJ128MC510 Datasheet HTML 2Page - Microchip Technology DSPIC33FJ128MC510 Datasheet HTML 3Page - Microchip Technology DSPIC33FJ128MC510 Datasheet HTML 4Page - Microchip Technology DSPIC33FJ128MC510 Datasheet HTML 5Page - Microchip Technology DSPIC33FJ128MC510 Datasheet HTML 6Page - Microchip Technology DSPIC33FJ128MC510 Datasheet HTML 7Page - Microchip Technology DSPIC33FJ128MC510 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ128MC510 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
dsPIC33F
DS80279B-page 4
© 2006 Microchip Technology Inc.
3.
Module: 10-bit ADC
When the ADC module is configured for 10-bit
operation, the specifications in the data sheet are
not met for operation above 500 Ksps.
For 500 Ksps, the module meets specifications
except for Gain and Offset parameters AD23bb
and AD24bb.
For 600 Ksps operation, the module specifications
are shown in Table 2.
Work around
None. Future versions of the silicon will support
the ADC performance stated in the data sheet.
TABLE 2:
600 KSPS OPERATION
4.
Module: DMA Module: Interaction with
EXCH
Instruction
The EXCH instruction does not execute correctly
when either of the two operands is numerically
equal to the address of any of the DMAC SFRs for
this revision of silicon.
Work around
If writing source code in assembly, the
recommended fix is to replace:
EXCH Wsource, Wdestination
with:
PUSH Wdestination
MOV Wsource, Wdestination
POP Wsource
If using the MPLAB C30 C compiler, check the dis-
assembly listing (View>Disassembly Listing) for
the EXCH instruction. If used, make sure the oper-
ands are not equivalent to the DMA SFRs’
addresses.
Param No.
Symbol
Min
Typ
Max
Units
Conditions
AD17
RIN
200
Ohm
10-bit
ADC Accuracy – Measurements taken with External VREF+/VREF-
AD20b
Nr
10 bits
Bits
AD21b
INL
-2
2
LSB
AD22b
DNL
-1.5
2
LSB
AD23b
GERR
1
3
6
LSB
AD24b
EOFF
1
2
5
LSB
ADC Accuracy – Measurements taken with Internal VREF+/VREF-
AD21bb
INL
-2
2
LSB
AD22bb
DNL
-1.5
2
LSB
AD23bb
GERR
1
6
12
LSB
AD24bb
EOFF
2
5
10
LSB
Dynamic Performance
AD33b
FNYQ
300
KHz
AD34b
ENOB
8.5
9.7
9.8
Bits
ADC Conversion Rate
AD56b
FCNV
600
Ksps
AD57b
TSAMP
3 TAD
——


Similar Part No. - DSPIC33FJ128MC510

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ128MC510 MICROCHIP-DSPIC33FJ128MC510 Datasheet
988Kb / 80P
   Flash Programming Specification
2007
DSPIC33FJ128MC510 MICROCHIP-DSPIC33FJ128MC510 Datasheet
5Mb / 340P
   16-Bit Digital Signal Controllers
02/04/09
DSPIC33FJ128MC510 MICROCHIP-DSPIC33FJ128MC510 Datasheet
5Mb / 340P
   High-Performance, 16-Bit Digital Signal Controllers
02/04/09
DSPIC33FJ128MC510A MICROCHIP-DSPIC33FJ128MC510A Datasheet
2Mb / 374P
   16-bit Digital Signal Controllers up to 256 KB Flash and30 KB SRAM with Motor Control and Advanced Analog
11/29/11
More results

Similar Description - DSPIC33FJ128MC510

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJXXXGPXXX MICROCHIP-DSPIC33FJXXXGPXXX Datasheet
164Kb / 6P
    Silicon Errata
2006
logo
Texas Instruments
TMS320F28335_1104 TI-TMS320F28335_1104 Datasheet
188Kb / 18P
[Old version datasheet]   Silicon Errata
logo
Microchip Technology
DSPIC33FJ12GP201 MICROCHIP-DSPIC33FJ12GP201 Datasheet
269Kb / 6P
   Silicon Errata
2007
PIC16C641 MICROCHIP-PIC16C641 Datasheet
67Kb / 4P
   Silicon Errata Sheet
1998 - 1999
PIC16F62X MICROCHIP-PIC16F62X_02 Datasheet
282Kb / 20P
   Silicon/Data Sheet Errata
2002
logo
Texas Instruments
MSP53C391 TI-MSP53C391 Datasheet
24Kb / 2P
[Old version datasheet]   ERRATA
logo
Microchip Technology
PIC16C717 MICROCHIP-PIC16C717_02 Datasheet
81Kb / 6P
   C Silicon/Data Sheet Errata
2002
logo
M/A-COM Technology Solu...
500102D MA-COM-500102D_15 Datasheet
22Kb / 2P
   Errata
28320-ERR-001-A MA-COM-28320-ERR-001-A_15 Datasheet
29Kb / 1P
   Errata
logo
Microchip Technology
PIC10F222-IP MICROCHIP-PIC10F222-IP Datasheet
179Kb / 6P
   PIC10F220/222 Rev. A Silicon Errata
02/16/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com