Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPIC33FJ64MC506 Datasheet(PDF) 5 Page - Microchip Technology

Part # DSPIC33FJ64MC506
Description  Silicon Errata
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64MC506 Datasheet(HTML) 5 Page - Microchip Technology

  DSPIC33FJ64MC506 Datasheet HTML 1Page - Microchip Technology DSPIC33FJ64MC506 Datasheet HTML 2Page - Microchip Technology DSPIC33FJ64MC506 Datasheet HTML 3Page - Microchip Technology DSPIC33FJ64MC506 Datasheet HTML 4Page - Microchip Technology DSPIC33FJ64MC506 Datasheet HTML 5Page - Microchip Technology DSPIC33FJ64MC506 Datasheet HTML 6Page - Microchip Technology DSPIC33FJ64MC506 Datasheet HTML 7Page - Microchip Technology DSPIC33FJ64MC506 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ64MC506 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© 2006 Microchip Technology Inc.
DS80279B-page 5
dsPIC33F
5.
Module: DISI Instruction
When a user executes a DISI #7, for example,
this will disable interrupts for 7 + 1 cycles (7 + the
DISI
instruction itself). In this case, the DISI
instruction uses a counter which counts down from
7 to 0. The counter is loaded with 7 at the end of
the DISI instruction.
If the user code executes another DISI on the
instruction cycle where the DISI counter has
become zero, the new DISI count is loaded, but
the DISI state machine does not properly re-
engage and continue to disable interrupts. At this
point, all interrupts are enabled. The next time the
user code executes a DISI instruction, the feature
will act normally and block interrupts.
In summary, it is only when a DISI execution is
coincident with the current DISI count = 0, that the
issue occurs. Executing a DISI instruction before
the DISI counter reaches zero will not produce
this error. In this case, the DISI counter is loaded
with the new value, and interrupts remain disabled
until the counter becomes zero.
Work around
When executing multiple DISI instructions within
the source code, make sure that subsequent DISI
instructions have at least one instruction cycle
between the time that the DISI counter decre-
ments to zero and the next DISI instruction. Alter-
natively,
make
sure
that
subsequent
DISI
instructions are called before the DISI counter
decrements to zero.
6.
Module: Motor Control PWM
Devices in the motor control family have a glitch in
the PWMxL signal under certain conditions. The
glitch is a brief high pulse during the low portion of
the duty cycle. This error occurs when the module
is configured in Single-Shot mode (PTMOD<1:0>
= 01) with complementary output. It also occurs
when resuming from a Fault condition in
Free-Running mode (PTMOD<1:0) = 00) with
complementary output.
Work around
None.
7.
Module: Output Compare Module
A glitch will be produced on an output compare pin
under the following conditions:
• The user software initially drives the I/O pin
high using the output compare module or a
write to the associated PORT register.
• The output compare module is configured and
enabled to drive the pin low at some later time
(OCxCON = 0x0002 or OCxCON = 0x0003).
When these events occur, the output compare
module will drive the pin low for one instruction
cycle (TCY) after the module is enabled.
Work around
None. However, the user may use a timer interrupt
and write to the associated PORT register to
control the pin manually.
8.
Module: Output Compare Module in PWM
Mode
The output compare module will miss a compare
event when the current duty cycle register
(OCxRS) value is 0x0000 (0% duty cycle) and the
OCxRS register is updated with a value of 0x0001.
The compare event is missed only the first time a
value of 0x0001 is written to OCxRS, and the
PWM output remains low for one PWM period.
Subsequent PWM high and low times occur as
expected.
Work around
None. If the current OCxRS register value is
0x0000, avoid writing a value of 0x0001 to
OCxRS. Instead, write a value of 0x0002; how-
ever, in this case the duty cycle will be slightly
different from the desired value.


Similar Part No. - DSPIC33FJ64MC506

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ64MC506 MICROCHIP-DSPIC33FJ64MC506 Datasheet
988Kb / 80P
   Flash Programming Specification
2007
DSPIC33FJ64MC506 MICROCHIP-DSPIC33FJ64MC506 Datasheet
5Mb / 340P
   16-Bit Digital Signal Controllers
02/04/09
DSPIC33FJ64MC506 MICROCHIP-DSPIC33FJ64MC506 Datasheet
5Mb / 340P
   High-Performance, 16-Bit Digital Signal Controllers
02/04/09
DSPIC33FJ64MC506-IPT MICROCHIP-DSPIC33FJ64MC506-IPT Datasheet
5Mb / 340P
   High-Performance, 16-Bit Digital Signal Controllers
02/04/09
DSPIC33FJ64MC506A MICROCHIP-DSPIC33FJ64MC506A Datasheet
2Mb / 374P
   16-bit Digital Signal Controllers up to 256 KB Flash and30 KB SRAM with Motor Control and Advanced Analog
11/29/11
More results

Similar Description - DSPIC33FJ64MC506

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJXXXGPXXX MICROCHIP-DSPIC33FJXXXGPXXX Datasheet
164Kb / 6P
    Silicon Errata
2006
logo
Texas Instruments
TMS320F28335_1104 TI-TMS320F28335_1104 Datasheet
188Kb / 18P
[Old version datasheet]   Silicon Errata
logo
Microchip Technology
DSPIC33FJ12GP201 MICROCHIP-DSPIC33FJ12GP201 Datasheet
269Kb / 6P
   Silicon Errata
2007
PIC16C641 MICROCHIP-PIC16C641 Datasheet
67Kb / 4P
   Silicon Errata Sheet
1998 - 1999
PIC16F62X MICROCHIP-PIC16F62X_02 Datasheet
282Kb / 20P
   Silicon/Data Sheet Errata
2002
logo
Texas Instruments
MSP53C391 TI-MSP53C391 Datasheet
24Kb / 2P
[Old version datasheet]   ERRATA
logo
Microchip Technology
PIC16C717 MICROCHIP-PIC16C717_02 Datasheet
81Kb / 6P
   C Silicon/Data Sheet Errata
2002
logo
M/A-COM Technology Solu...
500102D MA-COM-500102D_15 Datasheet
22Kb / 2P
   Errata
28320-ERR-001-A MA-COM-28320-ERR-001-A_15 Datasheet
29Kb / 1P
   Errata
logo
Microchip Technology
PIC10F222-IP MICROCHIP-PIC10F222-IP Datasheet
179Kb / 6P
   PIC10F220/222 Rev. A Silicon Errata
02/16/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com