Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS32KHZ Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS32KHZ
Description  32.768kHz Temperature-Compensated Crystal Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS32KHZ Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS32KHZ_07 Datasheet HTML 1Page - Dallas Semiconductor DS32KHZ_07 Datasheet HTML 2Page - Dallas Semiconductor DS32KHZ_07 Datasheet HTML 3Page - Dallas Semiconductor DS32KHZ_07 Datasheet HTML 4Page - Dallas Semiconductor DS32KHZ_07 Datasheet HTML 5Page - Dallas Semiconductor DS32KHZ_07 Datasheet HTML 6Page - Dallas Semiconductor DS32KHZ_07 Datasheet HTML 7Page - Dallas Semiconductor DS32KHZ_07 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DS32kHz
3 of 8
AC TIMING CHARACTERISTICS
(Over the operating range, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
fOUT
32.768
kHz
0°C to +40°C
-2.0
+2.0
Frequency Stability vs.
Temperature
∆f/fO
-40°C to +85°C or
0°C to +70°C
-7.5
+7.5
ppm
Duty Cycle
tW/t
45
50
55
%
Cycle Time
tCYC
(Note 8)
30.518
μs
High/Low Time
tH/tL
(Note 8)
15.06
μs
Rise Time
tR
(Note 8)
200
ns
Fall Time
tF
(Note 8)
60
ns
Oscillator Startup Time
tOSC
(Note 8)
1
seconds
Frequency Stability vs.
Operating Voltage
∆f/V
VCC = 5.0V or
VBAT = 3.0V, VCC = 0V
(Notes 4, 9)
+2.5
ppm/V
Crystal Aging (First Year)
∆f/fO
(Notes 4, 10)
±1.0
ppm
Note 8:
These parameters are measured using a 15pF load.
Note 9:
Error is measured from the nominal supply voltage of whichever supply is powering the device.
Note 10:
After reflow.
Figure 1. DS32kHz Output Waveform


Similar Part No. - DS32KHZ_07

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS32KHZ-N DALLAS-DS32KHZ-N Datasheet
443Kb / 10P
   32.768kHz Temperature-Compensated Crystal Oscillator
DS32KHZ-N/DIP DALLAS-DS32KHZ-N/DIP Datasheet
443Kb / 10P
   32.768kHz Temperature-Compensated Crystal Oscillator
DS32KHZ-N/WBGA DALLAS-DS32KHZ-N/WBGA Datasheet
443Kb / 10P
   32.768kHz Temperature-Compensated Crystal Oscillator
DS32KHZ/DIP DALLAS-DS32KHZ/DIP Datasheet
443Kb / 10P
   32.768kHz Temperature-Compensated Crystal Oscillator
logo
Maxim Integrated Produc...
DS32KHZ/DIP MAXIM-DS32KHZ/DIP Datasheet
369Kb / 8P
   32.768kHz Temperature-Compensated Crystal Oscillator
REV: 071521
More results

Similar Description - DS32KHZ_07

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTX-H08K ABRACON-ASTX-H08K Datasheet
279Kb / 2P
   32.768KHz TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
logo
Maxim Integrated Produc...
DS32KHZ MAXIM-DS32KHZ Datasheet
369Kb / 8P
   32.768kHz Temperature-Compensated Crystal Oscillator
REV: 071521
logo
Dallas Semiconductor
DS32KHZ DALLAS-DS32KHZ Datasheet
443Kb / 10P
   32.768kHz Temperature-Compensated Crystal Oscillator
logo
Abracon Corporation
ASVTX-H08K ABRACON-ASVTX-H08K Datasheet
280Kb / 2P
   32.768KHz VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com