Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS28DG02 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS28DG02
Description  2kb SPI EEPROM with PIO, RTC, Reset, Battery Monitor, and Watchdog
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS28DG02 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS28DG02 Datasheet HTML 5Page - Dallas Semiconductor DS28DG02 Datasheet HTML 6Page - Dallas Semiconductor DS28DG02 Datasheet HTML 7Page - Dallas Semiconductor DS28DG02 Datasheet HTML 8Page - Dallas Semiconductor DS28DG02 Datasheet HTML 9Page - Dallas Semiconductor DS28DG02 Datasheet HTML 10Page - Dallas Semiconductor DS28DG02 Datasheet HTML 11Page - Dallas Semiconductor DS28DG02 Datasheet HTML 12Page - Dallas Semiconductor DS28DG02 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
DS28DG02: 2kb SPI EEPROM with PIO, RTC, Reset, Battery Monitor, and Watchdog
9 of 33
Power-On Default for PIO Read Inversion (PIO8 to PIO11), PIO Output Type and Output Mode
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
10Fh
POTM
POT3
POT2
POT1
PIM11
PIM10
PIM9
PIM8
There is general read and write access to this address. Factory default: 80h. The contents of this register are
automatically transferred to address 125h when the device powers up.
BIT DESCRIPTION
BIT(S)
DEFINITION
PIMn: PIO Power-On
Default Read-Inversion
b0 to b3
Power-on default state of the read-inversion bit of PIO8 to PIO11. PIM8
applies to PIO8, etc.
Legend
:
0
no inversion; 1
inversion
POT1: Power-On
Default Output Type
b4
Power-on default output type of PIO0 to PIO3;
Legend
:
0
push-pull; 1
open drain
POT2: Power-On
Default Output Type
b5
Power-on default output type of PIO4 to PIO7;
Legend
:
0
push-pull; 1
open drain
POT3: Power-On
Default Output Type
b6
Power-on default output type of PIO8 to PIO11;
Legend
:
0
push-pull; 1
open drain
POTM: Power-On
Default Output Mode
b7
Power-on default output mode of PIO0 to PIO11;
Legend
:
0
low-current, simultaneous switching; 1
high-current,
sequential switching
Unique Registration Number (118h to 11Fh)
Each DS28DG02 has a unique registration number that is 64 bits long, as shown in Figure 3. The registration
number begins with the family code at address 118h followed by the 48-bit serial number (LS-byte at the lower
address) and ends at address 11Fh with the Cyclic Redundancy Check (CRC) of the first 56 bits. This CRC is
generated using the a polynomial X
8 + X5 + X4 + 1. Additional information about CRCs is available in Application
Note 27
.
Figure 3. 64-Bit
Registration Number
MSB
LSB
8-Bit CRC Code
48-Bit Serial Number
8-Bit Family Code (70h)
MSB
LSB MSB
LSB MSB
LSB
PIO Output State
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
120h
OV7
OV6
OV5
OV4
OV3
OV2
OV1
OV0
121h
X
X
X
X
OV11
OV10
OV9
OV8
There is general read and write access to these addresses. These registers are automatically loaded with data
from address 10Ah/10Bh when the device powers up.
BIT DESCRIPTION
BIT(S)
DEFINITION
OVn: PIO Output State
Output state of PIO0 to PIO11. OV0 applies to PIO0, etc.
Legend
:
0
LOW; 1
HIGH if PIO direction is output
X: (Not Assigned)
Reserved for future use.


Similar Part No. - DS28DG02

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28DG02 MAXIM-DS28DG02 Datasheet
351Kb / 34P
   2Kb SPI EEPROM with PIO, RTC, Reset, Battery Monitor, and Watchdog
11/09
DS28DG02E-3C++ MAXIM-DS28DG02E-3C+ Datasheet
351Kb / 34P
   2Kb SPI EEPROM with PIO, RTC, Reset, Battery Monitor, and Watchdog
11/09
DS28DG02E-3C+T MAXIM-DS28DG02E-3C+T Datasheet
351Kb / 34P
   2Kb SPI EEPROM with PIO, RTC, Reset, Battery Monitor, and Watchdog
11/09
DS28DG02G-3C++ MAXIM-DS28DG02G-3C+ Datasheet
351Kb / 34P
   2Kb SPI EEPROM with PIO, RTC, Reset, Battery Monitor, and Watchdog
11/09
DS28DG02G-3C+T MAXIM-DS28DG02G-3C+T Datasheet
351Kb / 34P
   2Kb SPI EEPROM with PIO, RTC, Reset, Battery Monitor, and Watchdog
11/09
More results

Similar Description - DS28DG02

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28DG02 MAXIM-DS28DG02 Datasheet
351Kb / 34P
   2Kb SPI EEPROM with PIO, RTC, Reset, Battery Monitor, and Watchdog
11/09
logo
STMicroelectronics
M41T93 STMICROELECTRONICS-M41T93_07 Datasheet
382Kb / 51P
   Serial SPI bus RTC with battery switchover
logo
Linear Technology
LTC2901 LINER-LTC2901_15 Datasheet
197Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
logo
STMicroelectronics
M41T93 STMICROELECTRONICS-M41T93_08 Datasheet
446Kb / 51P
   Serial SPI bus RTC with battery switchover
logo
Linear Technology
LTC2901 LINER-LTC2901 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
logo
STMicroelectronics
M41T93 STMICROELECTRONICS-M41T93 Datasheet
416Kb / 49P
   Serial SPI bus RTC with battery switchover
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC2931 LINER-LTC2931_15 Datasheet
269Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com