Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93AA46AX-I/MS Datasheet(PDF) 9 Page - Microchip Technology

Part # 93AA46AX-I/MS
Description  1K Microwire Compatible Serial EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA46AX-I/MS Datasheet(HTML) 9 Page - Microchip Technology

Back Button 93AA46AX-I/MS Datasheet HTML 5Page - Microchip Technology 93AA46AX-I/MS Datasheet HTML 6Page - Microchip Technology 93AA46AX-I/MS Datasheet HTML 7Page - Microchip Technology 93AA46AX-I/MS Datasheet HTML 8Page - Microchip Technology 93AA46AX-I/MS Datasheet HTML 9Page - Microchip Technology 93AA46AX-I/MS Datasheet HTML 10Page - Microchip Technology 93AA46AX-I/MS Datasheet HTML 11Page - Microchip Technology 93AA46AX-I/MS Datasheet HTML 12Page - Microchip Technology 93AA46AX-I/MS Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21749F-page 9
93AA46A/B/C, 93LC46A/B/C, 93C46A/B/C
2.6
Erase/Write Disable and Enable
(EWDS/EWEN)
The 93XX46A/B/C powers up in the Erase/Write Disable
(EWDS) state. All Programming modes must be
preceded by an Erase/Write Enable (EWEN) instruction.
Once the EWEN instruction is executed, programming
remains enabled until an EWDS instruction is executed or
Vcc is removed from the device.
To protect against accidental data disturbance, the EWDS
instruction can be used to disable all erase/write functions
and should follow all programming operations. Execution
of a READ instruction is independent of both the EWEN and
EWDS
instructions.
FIGURE 2-5:
EWDS TIMING
FIGURE 2-6:
EWEN TIMING
2.7
Read
The READ instruction outputs the serial data of the
addressed memory location on the DO pin. A dummy
zero bit precedes the 8-bit (if ORG pin is low or A-Version
devices) or 16-bit (if ORG pin is high or B-version
devices) output string.
The output data bits will toggle on the rising edge of the
CLK and are stable after the specified time delay (TPD).
Sequential read is possible when CS is held high. The
memory data will automatically cycle to the next register
and output sequentially.
FIGURE 2-7:
READ TIMING
CS
CLK
DI
10
00
0
x
•••
x
TCSL
1x
CS
CLK
DI
00
1
1
x
TCSL
•••
CS
CLK
DI
DO
11
0
An
•••
A0
High-Z
0
Dx
•••
D0
Dx
•••
D0
•••
Dx
D0


Similar Part No. - 93AA46AX-I/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA46AX-I/MS MICROCHIP-93AA46AX-I/MS Datasheet
403Kb / 24P
   1K Microwire Compatible Serial EEPROM
2003
93AA46AX-I/MS MICROCHIP-93AA46AX-I/MS Datasheet
736Kb / 34P
   1K Microwire Compatible Serial EEPROM
2010
93AA46AX-I/MSG MICROCHIP-93AA46AX-I/MSG Datasheet
403Kb / 24P
   1K Microwire Compatible Serial EEPROM
2003
More results

Similar Description - 93AA46AX-I/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA46A MICROCHIP-93AA46A_13 Datasheet
1Mb / 38P
   1K Microwire Compatible Serial EEPROM
11/29/12
93AA46A MICROCHIP-93AA46A Datasheet
403Kb / 24P
   1K Microwire Compatible Serial EEPROM
2003
93AA46A MICROCHIP-93AA46A_10 Datasheet
736Kb / 34P
   1K Microwire Compatible Serial EEPROM
2010
93LC46BT-SN MICROCHIP-93LC46BT-SN Datasheet
1Mb / 38P
   1K Microwire Compatible Serial EEPROM
11/29/12
93LC46A MICROCHIP-93LC46A Datasheet
420Kb / 28P
   1K Microwire Compatible Serial EEPROM
2005
93C46B MICROCHIP-93C46B Datasheet
180Kb / 12P
   1K 5.0V Microwire Serial EEPROM
1997
93LC46AB MICROCHIP-93LC46AB Datasheet
250Kb / 12P
   1K 2.5V Microwire Serial EEPROM
2000 - 2001
59C11 MICROCHIP-59C11 Datasheet
104Kb / 12P
   1K 5.0V Microwire Serial EEPROM
1996
93AA46A MICROCHIP-93AA46A_11 Datasheet
915Kb / 36P
   1K Microwire Compatible Serial EEPROM Low-Power CMOS Technology
11/29/11
93AA46A MICROCHIP-93AA46A_07 Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com