Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8763 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8763
Description  10-bit high-speed low-power ADC with internal reference regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8763 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8763 Datasheet HTML 1Page - NXP Semiconductors TDA8763 Datasheet HTML 2Page - NXP Semiconductors TDA8763 Datasheet HTML 3Page - NXP Semiconductors TDA8763 Datasheet HTML 4Page - NXP Semiconductors TDA8763 Datasheet HTML 5Page - NXP Semiconductors TDA8763 Datasheet HTML 6Page - NXP Semiconductors TDA8763 Datasheet HTML 7Page - NXP Semiconductors TDA8763 Datasheet HTML 8Page - NXP Semiconductors TDA8763 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1999 Jan 06
4
Philips Semiconductors
Product specification
10-bit high-speed low-power ADC with
internal reference regulator
TDA8763
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
12
DGND2
6
8
RLAD
7
9
VRB
VRM
VRT
V I
11
VCCD2
35
26
VCCA
21
22
23
24
20 D4
D5
D6
D7
D8
19
18
25
2
D3
D2
17 D1
16 D0
D9
IN-RANGE LATCH
CMOS
OUTPUTS
LATCHES
ANALOG -TO - DIGITAL
CONVERTER
CLOCK DRIVER
REFERENCE
VOLTAGE
REGULATOR
MBE553
CMOS OUTPUT
1
CLK
DEC
10
OE
TC
TDA8763
13
VCCO
4
AGND
analog ground
digital ground
digital ground
27
DGND1
14
OGND
output ground
analog
voltage input
data outputs
LSB
MSB
28
VCCD1
IR
output


Similar Part No. - TDA8763

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8763A PHILIPS-TDA8763A Datasheet
172Kb / 24P
   10-bit high-speed low-power ADC
1999 Jan 06
TDA8763AM PHILIPS-TDA8763AM Datasheet
172Kb / 24P
   10-bit high-speed low-power ADC
1999 Jan 06
TDA8763AM/3 PHILIPS-TDA8763AM/3 Datasheet
172Kb / 24P
   10-bit high-speed low-power ADC
1999 Jan 06
TDA8763AM/4 PHILIPS-TDA8763AM/4 Datasheet
172Kb / 24P
   10-bit high-speed low-power ADC
1999 Jan 06
TDA8763AM/5 PHILIPS-TDA8763AM/5 Datasheet
172Kb / 24P
   10-bit high-speed low-power ADC
1999 Jan 06
More results

Similar Description - TDA8763

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8764 PHILIPS-TDA8764 Datasheet
164Kb / 28P
   10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 12
logo
Maxim Integrated Produc...
MAX1446-07 MAXIM-MAX1446-07 Datasheet
377Kb / 22P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
MAX1444 MAXIM-MAX1444 Datasheet
401Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 11/03
MAX1444 MAXIM-MAX1444_V01 Datasheet
283Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
2010
MAX1446 MAXIM-MAX1446_08 Datasheet
250Kb / 20P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 4; 11/08
MAX1446 MAXIM-MAX1446 Datasheet
282Kb / 16P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 7/03
MAX1448 MAXIM-MAX1448 Datasheet
553Kb / 21P
   10-Bit, 80Msps, Single 3.0V, Low-Power ADC with Internal Reference
Rev 2; 5/04
MAX1449 MAXIM-MAX1449 Datasheet
603Kb / 18P
   10-Bit, 105Msps, Single 3.3V, Low-Power ADC with Internal Reference
Rev 0; 10/00
MAX1420 MAXIM-MAX1420 Datasheet
313Kb / 17P
   12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
19-1981; Rev 0; 5/01
MAX1421 MAXIM-MAX1421 Datasheet
310Kb / 17P
   12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
19-1900; Rev 0; 5/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com