Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8761M Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8761M
Description  9-bit analog-to-digital converter for digital video
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8761M Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8761M Datasheet HTML 1Page - NXP Semiconductors TDA8761M Datasheet HTML 2Page - NXP Semiconductors TDA8761M Datasheet HTML 3Page - NXP Semiconductors TDA8761M Datasheet HTML 4Page - NXP Semiconductors TDA8761M Datasheet HTML 5Page - NXP Semiconductors TDA8761M Datasheet HTML 6Page - NXP Semiconductors TDA8761M Datasheet HTML 7Page - NXP Semiconductors TDA8761M Datasheet HTML 8Page - NXP Semiconductors TDA8761M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1995 Mar 20
2
Philips Semiconductors
Preliminary specification
9-bit analog-to-digital converter for
digital video
TDA8761
FEATURES
• 9-bit resolution
• Sampling rate up to 30 MHz
• DC sampling allowed
• One clock cycle conversion only
• High signal-to-noise ratio over a large analog input
frequency range (8.5 effective bits at 10 MHz full-scale
input at fclk = 30 MHz)
• No missing codes guaranteed
• In range (IR) 3-state TTL output
• TTL compatible digital inputs and outputs
• Low-level AC clock input signal allowed
• External reference voltage regulator
• Power dissipation only 360 mW (typical)
• Low analog input capacitance, no buffer amplifier
required
• No sample-and-hold circuit required.
APPLICATIONS
Analog-to-digital conversion for:
• Video data digitizing
• Digital Video Broadcasting (DVB)
• Cable TV.
GENERAL DESCRIPTION
The TDA8761 is a 9-bit analog-to-digital converter (ADC)
for professional video and digital video set box
applications. It converts the analog input signal into 9-bit
binary-coded digital words at a maximum sampling rate of
30 MHz. Its linearity performance ensures the required
conversion accuracy in case of 256QAM demodulator
concept and for all symbol frequencies. All digital inputs
and outputs are TTL compatible, although a low-level sine
wave clock input signal is allowed.
QUICK REFERENCE DATA
Note
1. fi = 11 MHz and fclk = 30 MHz; fi = 8 MHz and fclk = 20 MHz.
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VCCO
output stages supply voltage
4.4
5.0
5.25
V
ICCA
analog supply current
30
tbf
mA
ICCD
digital supply current
22
tbf
mA
ICCO
output stages supply current
22
tbf
mA
AINL
AC integral non-linearity
note 1; full scale input sine wave
−±0.75 tbf
LSB
note 1; 50% full scale input sine wave
−±0.5
tbf
LSB
ADNL
AC differential non-linearity
note 1; full scale input sine wave
−±0.5
tbf
LSB
note 1; 50% full scale input sine wave
−±0.3
tbf
LSB
fclk(max)
maximum clock frequency
30
−−
MHz
Ptot
total power dissipation
360
tbf
mW
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8761M
SSOP28
plastic shrink small outline package; 28 leads; body width 5.3 mm
SOT341-1


Similar Part No. - TDA8761M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8761A PHILIPS-TDA8761A Datasheet
166Kb / 24P
   9-bit analog-to-digital converter for digital video
1998 Nov 03
TDA8761AM PHILIPS-TDA8761AM Datasheet
166Kb / 24P
   9-bit analog-to-digital converter for digital video
1998 Nov 03
More results

Similar Description - TDA8761M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8761A PHILIPS-TDA8761A Datasheet
166Kb / 24P
   9-bit analog-to-digital converter for digital video
1998 Nov 03
logo
Analog Devices
MATV-0820 AD-MATV-0820_15 Datasheet
1Mb / 4P
   8-bit video analog to digital converter
MATV-0816 AD-MATV-0816_15 Datasheet
1Mb / 4P
   8-Bit Video Analog-to-Digital Converter
MATV-0811 AD-MATV-0811_15 Datasheet
1Mb / 4P
   a-Bit Video Analog to DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8702 PHILIPS-TDA8702 Datasheet
120Kb / 19P
   8-bit video digital-to-analog converter
1996 Aug 23
TDA8772 PHILIPS-TDA8772 Datasheet
101Kb / 20P
   Triple 8-bit video digital-to-analog converter
1997 Mar 06
logo
Exar Corporation
MP8780 EXAR-MP8780 Datasheet
1,008Kb / 11P
   CMOS 8 BIT VIDEO ANALOG TO DIGITAL CONVERTER
logo
NXP Semiconductors
TDA9955HL NXP-TDA9955HL Datasheet
236Kb / 52P
   Triple 8-bit analog-to-digital video converter for HDTV
Rev. 01-17 March 2008
logo
Analog Devices
HDG-0807 AD-HDG-0807 Datasheet
875Kb / 4P
   Hybrid Video Digital-to-Analog Converter
logo
NXP Semiconductors
TDA8775 PHILIPS-TDA8775 Datasheet
134Kb / 16P
   Triple 10-bit video Digital-to-Analog Converter DAC
1996 Aug 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com