Electronic Components Datasheet Search |
|
UPD65881GB-P03-3BS-A Datasheet(PDF) 5 Page - NEC |
|
UPD65881GB-P03-3BS-A Datasheet(HTML) 5 Page - NEC |
5 / 8 page Data Sheet A18501EJ1V0DS 5 μPD65881GB-P03 4. PACKAGE DRAWING 44-PIN PLASTIC QFP (10x10) ITEM MILLIMETERS A B D G 13.2 ±0.2 10.0 ±0.2 0.8 (T.P.) 1.0 J 13.2 ±0.2 K S44GB-80-3BS-2 C 10.0 ±0.2 I 0.16 1.6 ±0.2 L 0.8 ±0.2 F 1.0 N P Q S 0.10 2.7 ±0.1 0.125 ±0.075 3.0 MAX. M 0.17+0.06 −0.05 H 0.37+0.08 −0.07 R3 °+7° −3° NOTE Each lead centerline is located within 0.16 mm of its true position (T.P.) at maximum material condition. 33 34 22 44 1 12 11 23 S S N J detail of lead end C D A B R K M L P I S Q G F M H 5. RECOMMENDED SOLDERING CONDITIONS These products should be soldered and mounted under the following recommended conditions. For soldering methods and conditions other than those recommended below, please contact an NEC Electronicssales representative. For technical information, see the following website. Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html) Soldering Method Soldering Conditons Recommended Condition Symbol Infrared reflow Package peak temperature: 260°C, Time: 60 seconds max. (at 220°C or higher), Count: 3 times or less, Exposure limit: 7 days Note (after that, prebake at 125°C for 20 to 72 hours) IR60-207-3 Partial heating Pin temperature: 350°C max., Time: 3 seconds max. (per pin row) − Note After opening the dry pack, store it at 25°C or less and 65% RH or less for the allowable storage period. Caution Do not use different soldering methods together (except for partial heating). |
Similar Part No. - UPD65881GB-P03-3BS-A |
|
Similar Description - UPD65881GB-P03-3BS-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |