Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G8550 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # G8550
Description  PNP EPITAXIAL TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

G8550 Datasheet(HTML) 2 Page - GTM CORPORATION

  G8550 Datasheet HTML 1Page - GTM CORPORATION G8550 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATION
G8550
Page: 2/2
ISSUED DATE :2004/12/27
REVISED DATE :
Characteristics Curve
Important Notice:
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM.
GTM reserves the right to make changes to its products without notice.
GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems.
GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C.
TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785
China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China
TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165


Similar Part No. - G8550

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G8550 ETL-G8550 Datasheet
138Kb / 2P
   The G8550 is designed for use in 2W output amplifier of portable radios in class B push-pull operation
logo
GTM CORPORATION
G8550S GTM-G8550S Datasheet
174Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
G8550S ETL-G8550S Datasheet
177Kb / 3P
   The G8550S is designed for general purpose amplifier applications
More results

Similar Description - G8550

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GJ8550 GTM-GJ8550 Datasheet
129Kb / 2P
   PNP EPITAXIAL TRANSISTOR
GMBT9012 GTM-GMBT9012 Datasheet
221Kb / 2P
   PNP EPITAXIAL TRANSISTOR
GBC327 GTM-GBC327 Datasheet
189Kb / 3P
   PNP EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
TIP127 UTC-TIP127_09 Datasheet
217Kb / 4P
   PNP EPITAXIAL TRANSISTOR
logo
GTM CORPORATION
GSMBT8550 GTM-GSMBT8550 Datasheet
158Kb / 2P
   PNP EPITAXIAL TRANSISTOR
logo
Chenmko Enterprise Co. ...
2SA1020N1PT CHENMKO-2SA1020N1PT Datasheet
128Kb / 4P
   PNP Epitaxial Transistor
2SB772ZPT CHENMKO-2SB772ZPT Datasheet
141Kb / 4P
   PNP Epitaxial Transistor
2SB1386PPT CHENMKO-2SB1386PPT Datasheet
389Kb / 3P
   PNP Epitaxial Transistor
2SA1213PT CHENMKO-2SA1213PT Datasheet
154Kb / 4P
   PNP Epitaxial Transistor
2SB1386PT CHENMKO-2SB1386PT Datasheet
159Kb / 3P
   PNP Epitaxial Transistor
logo
Unisonic Technologies
TIP107 UTC-TIP107_09 Datasheet
168Kb / 4P
   PNP EPITAXIAL TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com