Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U631H64S2K45 Datasheet(PDF) 10 Page - Simtek Corporation

Part # U631H64S2K45
Description  SoftStore 8K x 8 nvSRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

U631H64S2K45 Datasheet(HTML) 10 Page - Simtek Corporation

Back Button U631H64S2K45 Datasheet HTML 5Page - Simtek Corporation U631H64S2K45 Datasheet HTML 6Page - Simtek Corporation U631H64S2K45 Datasheet HTML 7Page - Simtek Corporation U631H64S2K45 Datasheet HTML 8Page - Simtek Corporation U631H64S2K45 Datasheet HTML 9Page - Simtek Corporation U631H64S2K45 Datasheet HTML 10Page - Simtek Corporation U631H64S2K45 Datasheet HTML 11Page - Simtek Corporation U631H64S2K45 Datasheet HTML 12Page - Simtek Corporation U631H64S2K45 Datasheet HTML 13Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
U631H64
10
March 31, 2006
STK Control #ML0045
Rev 1.0
Device Operation
The U631H64 has two separate modes of operation:
SRAM mode and nonvolatile mode. In SRAM mode,
the memory operates as a standard fast static RAM. In
nonvolatile mode, data is transferred from SRAM to
EEPROM (the STORE operation) or from EEPROM to
SRAM (the RECALL operation). In this mode SRAM
functions are disabled.
SRAM READ
The U631H64 performs a READ cycle whenever E and
G are LOW while W is HIGH. The address specified on
pins A0 - A12 determines which of the 8192 data bytes
will be accessed. When the READ is initiated by an
address transition, the outputs will be valid after a delay
of tcR. If the READ is initiated by E or G, the outputs will
be valid at ta(E) or at ta(G), whichever is later. The data
outputs will repeatedly respond to address changes
within the tcR access time without the need for transition
on any control input pins, and will remain valid until
another address change or until E or G is brought
HIGH or W is brought LOW.
SRAM WRITE
A WRITE cycle is performed whenever E and W are
LOW. The address inputs must be stable prior to
entering the WRITE cycle and must remain stable until
either E or W goes HIGH at the end of the cycle. The
data on pins DQ0 - 7 will be written into the memory if it
is valid tsu(D) before the end of a W controlled WRITE or
tsu(D) before the end of an E controlled WRITE.
It is recommended that G is kept HIGH during the en-
tire WRITE cycle to avoid data bus contention on the
common I/O lines. If G is left LOW, internal circuitry will
turn off the output buffers tdis(W) after W goes LOW.
Noise Consideration
The U631H64 is a high speed memory and therefore it
must have a high frequency bypass capacitor of appro-
ximately 0.1
μF connected between V
CC and VSS using
leads and traces that are as short as possible. As with
all high speed CMOS ICs, normal carefull routing of
power, ground and signals will help prevent noise
problems.
Software Nonvolatile STORE
The U631H64 software controlled STORE cycle is
initiated by executing sequential READ cycles from six
specific address locations. By relying on READ cycles
only, the U631H64 implements nonvolatile operation
while remaining compatible with standard 8K x 8
SRAMs. During the STORE cycle, an erase of the pre-
vious nonvolatile data is first performed, followed by
parallel programming of all nonvolatile elements. Once
a STORE cycle is initiated, further inputs and outputs
are disabled until the cycle is completed.
Because a sequence of addresses is used for STORE
initiation, it is important that no other READ or WRITE
accesses intervene in the sequence or the sequence
will be aborted and no STORE or RECALL will take
place.
To initiate the STORE cycle the following READ
sequence must be performed:
1.
Read address
0000
(hex) Valid READ
2.
Read address
1555
(hex) Valid READ
3.
Read address
0AAA (hex) Valid READ
4.
Read address
1FFF
(hex) Valid READ
5.
Read address
10F0
(hex) Valid READ
6.
Read address
0F0F
(hex) Initiate STORE
Once the sixth address in the sequence has been
entered, the STORE cycle will commence and the chip
will be disabled. It is important that READ cycles and
not WRITE cycles are used in the sequence. It is not
necessary that G is LOW for the sequence to be valid.
After the tSTORE cycle time has been fulfilled, the SRAM
will again be activated for READ and WRITE operation.
Software Nonvolatile RECALL
A RECALL cycle of the EEPROM data into the SRAM
is initiated with a sequence of READ operations in a
manner similar to the STORE initiation. To initiate the
RECALL cycle the following sequence of READ opera-
tions must be performed:
1.
Read address
0000
(hex) Valid READ
2.
Read address
1555
(hex) Valid READ
3.
Read address
0AAA (hex) Valid READ
4.
Read address
1FFF
(hex) Valid READ
5.
Read address
10F0
(hex) Valid READ
6.
Read address
0F0E
(hex) Initiate RECALL
Internally, RECALL is a two step procedure. First, the
SRAM data is cleared and second, the nonvolatile
information is transferred into the SRAM cells. The
RECALL operation in no way alters the data in the
EEPROM cells. The nonvolatile data can be recalled an
unlimited number of times.
Automatic Power Up RECALL
On power up, once VCC exceeds the sense voltage of
VSWITCH, a RECALL cycle is automatically initiated. The
voltage on the VCC pin must not drop below VSWITCH
once it has risen above it in order for the RECALL to
operate properly.


Similar Part No. - U631H64S2K45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
More results

Similar Description - U631H64S2K45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
logo
Cypress Semiconductor
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
Simtek Corporation
U631H256XS SIMTEK-U631H256XS Datasheet
225Kb / 15P
   SoftStore 32K x 8 nvSRAM Die
logo
Cypress Semiconductor
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
Simtek Corporation
UL631H256 SIMTEK-UL631H256 Datasheet
180Kb / 13P
   SimtekLow Voltage SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
   HardStore 8K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com