Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U631H64SK45 Datasheet(PDF) 7 Page - Simtek Corporation

Part # U631H64SK45
Description  SoftStore 8K x 8 nvSRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

U631H64SK45 Datasheet(HTML) 7 Page - Simtek Corporation

Back Button U631H64SK45 Datasheet HTML 3Page - Simtek Corporation U631H64SK45 Datasheet HTML 4Page - Simtek Corporation U631H64SK45 Datasheet HTML 5Page - Simtek Corporation U631H64SK45 Datasheet HTML 6Page - Simtek Corporation U631H64SK45 Datasheet HTML 7Page - Simtek Corporation U631H64SK45 Datasheet HTML 8Page - Simtek Corporation U631H64SK45 Datasheet HTML 9Page - Simtek Corporation U631H64SK45 Datasheet HTML 10Page - Simtek Corporation U631H64SK45 Datasheet HTML 11Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
U631H64
7
March 31, 2006
STK Control #ML0045
Rev 1.0
No.
STORE Cycle Inhibit and
Automatic Power Up RECALL
Symbol
Min.
Max.
Unit
Alt.
IEC
24 Power Up RECALL Durationk, e
tRESTORE
650
μs
Low Voltage Trigger Level
VSWITCH
4.0
4.5
V
Nonvolatile Memory Operations
STORE Cycle Inhibit and Automatic Up RECALL
k:
tRESTORE starts from the time VCC rises above VSWITCH.
VCC
5.0 V
STORE inhibit
Power Up
VSWITCH
tRESTORE
RECALL
(24)
t
Software Mode Selection
E
W
A12 - A0
(hex)
Mode
I/O
Power
Notes
L
H
0000
1555
0AAA
1FFF
10F0
0F0F
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile STORE
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
ICC2
l, m
l, m
l, m
l, m
l, m
l
L
H
0000
1555
0AAA
1FFF
10F0
0F0E
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile RECALL
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
l, m
l, m
l, m
l, m
l, m
l
l:
The six consecutive addresses must be in order listed (0000, 1555, 0AAA, 1FFF, 10F0, 0F0F) for a Store cycle or (0000, 1555, 0AAA,
1FFF, 10F0, 0F0E) for a RECALL cycle. W must be high during all six consecutive cycles. See STORE cycle and RECALL cycle tables and
diagrams for further details.
The following six-address sequence is used for testing purposes and should not be used: 0000, 1555, 0AAA, 1FFF, 10F0, 139C.
m: I/O state assumes that G
≤ V
IL. Activation of nonvolatile cycles does not depend on the state of G.


Similar Part No. - U631H64SK45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
More results

Similar Description - U631H64SK45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
logo
Cypress Semiconductor
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
Simtek Corporation
U631H256XS SIMTEK-U631H256XS Datasheet
225Kb / 15P
   SoftStore 32K x 8 nvSRAM Die
logo
Cypress Semiconductor
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
Simtek Corporation
UL631H256 SIMTEK-UL631H256 Datasheet
180Kb / 13P
   SimtekLow Voltage SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
   HardStore 8K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com