Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8760 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8760
Description  10-bit high-speed analog-to-digital converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8760 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8760 Datasheet HTML 4Page - NXP Semiconductors TDA8760 Datasheet HTML 5Page - NXP Semiconductors TDA8760 Datasheet HTML 6Page - NXP Semiconductors TDA8760 Datasheet HTML 7Page - NXP Semiconductors TDA8760 Datasheet HTML 8Page - NXP Semiconductors TDA8760 Datasheet HTML 9Page - NXP Semiconductors TDA8760 Datasheet HTML 10Page - NXP Semiconductors TDA8760 Datasheet HTML 11Page - NXP Semiconductors TDA8760 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1996 Sep 12
8
Philips Semiconductors
Product specification
10-bit high-speed analog-to-digital
converter
TDA8760
CHARACTERISTICS
VCCA =VCCD =VCCO = 4.75 to 5.25 V; AGND and DGND shorted together;
VCCA − VCCD =VCCO − VCCD =VCCA − VCCO = −0.25 to +0.25 V; Tamb =0to+70 °C; unless otherwise specified.
Typical values measured at VCCA =VCCD =VCCO =5V; Tamb =25 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VCCO
output supply voltage
4.75
5.0
5.25
V
ICCA
analog supply current
95
100
mA
ICCD
digital supply current
40
45
mA
ICCO
output supply current
all outputs LOW
35
40
mA
Inputs
CLK AND CLK (REFERENCED TO DGND); note 1
VIL
LOW level input voltage
0
0.8
V
VIH
HIGH level input voltage
2.0
VCCD
V
IIL
LOW level input current
Vclk or Vclk = 0.4 V
−400
−−
mA
IIH
HIGH level input current
Vclk or Vclk = 2.0 V
−−
100
mA
Vclk or Vclk =VCCD
−−
300
mA
ZI
input impedance
fclk = 40 MHz
2
k
CI
input capacitance
fclk = 40 MHz
4.5
pF
∆Vclk
AC input voltage for
switching (Vclk − Vclk)
DC level = 1.5 V
0.5
2.0
V
DC level = 2.5 V
1.5
5.0
V
OTC AND CS (REFERENCED TO DGND); see Table 3
VIL
LOW level input voltage
0
0.8
V
VIH
HIGH level input voltage
2.0
VCCD
V
IIL
LOW level input current
VIL = 0.8 V
−400
−−µA
IIH
HIGH level input current
VIH = 2.0 V
−−
20
µA


Similar Part No. - TDA8760

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8761 PHILIPS-TDA8761 Datasheet
93Kb / 20P
   9-bit analog-to-digital converter for digital video
1995 Mar 20
TDA8761A PHILIPS-TDA8761A Datasheet
166Kb / 24P
   9-bit analog-to-digital converter for digital video
1998 Nov 03
TDA8761AM PHILIPS-TDA8761AM Datasheet
166Kb / 24P
   9-bit analog-to-digital converter for digital video
1998 Nov 03
TDA8761M PHILIPS-TDA8761M Datasheet
93Kb / 20P
   9-bit analog-to-digital converter for digital video
1995 Mar 20
TDA8762 PHILIPS-TDA8762 Datasheet
162Kb / 24P
   10-bit high-speed low-power analog-to-digital converter
1996 Mar 28
More results

Similar Description - TDA8760

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
   10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
TDA8762A PHILIPS-TDA8762A Datasheet
150Kb / 24P
   10-bit high-speed low-power analog-to-digital converter
1996 Mar 21
TDA8762 PHILIPS-TDA8762 Datasheet
162Kb / 24P
   10-bit high-speed low-power analog-to-digital converter
1996 Mar 28
TDA8715 PHILIPS-TDA8715 Datasheet
430Kb / 15P
    8 - BIT HIGH SPEED ANALOG - TO - DIGITAL CONVERTER
November 1990
TDF8704 PHILIPS-TDF8704 Datasheet
137Kb / 20P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8718 PHILIPS-TDA8718 Datasheet
110Kb / 16P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8703 PHILIPS-TDA8703 Datasheet
141Kb / 18P
   8-bit high-speed analog-to-digital converter
1996 Aug 26
TDA8716 PHILIPS-TDA8716 Datasheet
167Kb / 21P
   8-bit high-speed analog-to-digital converter
1996 Aug 26
logo
Texas Instruments
TLC5540 TI-TLC5540 Datasheet
231Kb / 18P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8714 PHILIPS-TDA8714 Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com