Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPA01CM60 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DPA01CM60
Description  Monitoring Relays 3-Phase Sequence and Phase Loss
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DPA01CM60 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DPA01CM60 Datasheet HTML 1Page - List of Unclassifed Manufacturers DPA01CM60 Datasheet HTML 2Page - List of Unclassifed Manufacturers DPA01CM60 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Specifications are subject to change without notice (17.07.06)
DPA01, PPA01
Mode of Operation
DPA01 and PPA01 monitor
their own 3-phase power
supply. The relay operates
when all the phases are pre-
sent
and
the
phase
sequence
is
correct.
The
relay
releases
when
one
phase-phase voltage drops
below 85% of the other
phase-phase voltages.
Example 1
The relay monitors that the
power supply has the correct
phase sequence and that all
phase voltages are present.
Example 2
The relay releases in case of
interruption of one or more
phases, provided that the
regenerated
voltage
does
not
exceed
85%
of
the
phase-phase voltage.
Power supply
Overvoltage cat. III
Rated operational voltage
(IEC 60664, IEC 60038)
through terminals:
(DPA01)
L1, L2, L3
(PPA01)
5, 6, 7
DPA01CM44
208 to 480 VAC ± 15%,
45 to 65 Hz
DPA01CM60
380 to 600 VAC±15%,
45 to 65 Hz
PPA01CM44
208 to 415 VAC ± 15%,
45 to 65 Hz
DPA01CM69
600 to 690 VAC +10 -15%,
45 to 65 Hz
DPA01DM23
208 to 240 VAC ± 15%,
45 to 65 Hz
DPA01DM48
380 to 480 VAC ± 15%,
45 to 65 Hz
PPA01DM23
208 to 240 VAC ± 15%,
45 to 65 Hz
PPA01DM48
380 to 415 VAC ± 15%,
45 to 65 Hz
Rated operational power
M23
6 VA @ 230 VAC, 50 Hz
M44, M48
10 VA @ 400 VAC, 50 Hz
M60
15VA @ 600 VAC, 50Hz
M69
15VA @ 690 VAC, 50Hz
Supplied by L2 and L3
Supply Specifications
Reaction time
Alarm ON delay
< 100 ms
Alarm OFF delay
< 350 ms
Accuracy
(15 min warm-up time)
Temperature drift
± 1000 ppm/°C
Repeatability
± 0.5% on full scale
Indication for
Power supply ON
LED, green
Relay ON
LED, yellow
Environment
(EN 60529)
Degree of protection
IP 20
Pollution degree
3 (DPA01), 2 (PPA01)
Operating temperature
@ Max. voltage, 50 Hz
-20 to +60°C, R.H. < 95%
@ Max. voltage, 60 Hz
-20 to +50°C, R.H. < 95%
Storage temperature
-30 to +80°C, R.H. < 95%
Housing
Dimensions
DPA01
22.5 x 80 x 99.5 mm
PPA01
36 x 80 x 94 mm
Weight
Approx. 100 g
Screw terminals
(DPA01)
Tightening torque
Max. 0.5 Nm
acc. to IEC 60947
Approval
UL - CSA (except PPA01D,
DPA01CM69)
CE Marking
Yes
EMC
Electromagnetic Compatibility
Immunity
According to EN 61000-6-2
Emissions
According to EN 61000-6-3
General Specifications
Operation Diagram
L1
L2
L3
L2
L1
L3
L3
L2
L1
L1
L2
L3
L2
L1
L1
Relay(s) ON
L3


Similar Part No. - DPA01CM60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DPA02257RGBR TI1-DPA02257RGBR Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
DPA02257RGBR TI1-DPA02257RGBR Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
DPA02259RVER TI1-DPA02259RVER Datasheet
1Mb / 33P
[Old version datasheet]   1.5 to 18 V Input, 8-A Single Synchronous Step-Down SWIFT Converter
logo
Sanyo Semicon Device
DPA05 SANYO-DPA05 Datasheet
46Kb / 2P
   PIN Diode for FM/AM Electronic Tuning AGC Drive Use
More results

Similar Description - DPA01CM60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DPA71DM23 ETC2-DPA71DM23 Datasheet
107Kb / 3P
   Monitoring Relays 3-Phase Sequence and Phase Loss
DPB02CM23 ETC2-DPB02CM23 Datasheet
164Kb / 4P
   Monitoring Relays True RMS 3-Phase, Phase Sequence/Loss - Asymmetry
logo
PHOENIX CONTACT
EMD-BL-PH-480 PHOENIX-EMD-BL-PH-480 Datasheet
141Kb / 6P
   Phase sequence monitoring
EMD-SL-PH-400 PHOENIX-EMD-SL-PH-400 Datasheet
120Kb / 5P
   Phase sequence monitoring
logo
List of Unclassifed Man...
EUAC220 ETC2-EUAC220 Datasheet
133Kb / 2P
   Current and Voltage Controls 3-Phase Sequence and Phase Loss
logo
PHOENIX CONTACT
2866077 PHOENIX-2866077 Datasheet
120Kb / 5P
   Electronic monitoring relay for phase sequence, phase failure, and asymmetry monitoring
logo
Omron Electronics LLC
K8DS-PH1 OMRON-K8DS-PH1 Datasheet
1Mb / 12P
   Phase-sequence Phase-loss Relay
K8AB-PH OMRON-K8AB-PH Datasheet
569Kb / 6P
   Phase-sequence Phase-loss Relay
K8AB-PA OMRON-K8AB-PA Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PM OMRON-K8AB-PM Datasheet
946Kb / 10P
   Three-phase Phase-sequence Phase-loss Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com