Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC01CM40 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DAC01CM40
Description  Timers Star Delta
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DAC01CM40 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DAC01CM40 Datasheet HTML 1Page - List of Unclassifed Manufacturers DAC01CM40 Datasheet HTML 2Page - List of Unclassifed Manufacturers DAC01CM40 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice (15.09.05)
3
Dimensions
22.5
99.5
28.5
36
94
28.5
90
DIN-rail
Plug-in
Operation Diagram
Power Supply
Relay ON (15-16) Y
Relay ON (15-18) D
T
Y
T
Y
T
Y-D
T
Y-D
³ 200 ms
³ 200 ms
£ 40 ms
≤ 10 ms
ON
OFF
ON
OFF
DAC01, PAC01


Similar Part No. - DAC01CM40

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
DAC01CM24 CARLOGAVAZZI-DAC01CM24 Datasheet
86Kb / 3P
   Timers Star Delta Types
More results

Similar Description - DAC01CM40

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
DAC01 CARLOGAVAZZI-DAC01 Datasheet
86Kb / 3P
   Timers Star Delta Types
DAC51 CARLOGAVAZZI-DAC51 Datasheet
76Kb / 2P
   Timers Star Delta Timer Type
logo
PHOENIX CONTACT
ETD-SL-1T-S PHOENIX-ETD-SL-1T-S Datasheet
140Kb / 6P
   Star/delta timer relay
logo
Sanken electric
SLA7611M SANKEN-SLA7611M Datasheet
430Kb / 2P
   Star Connection/Delta Connection
logo
PHOENIX CONTACT
1409150 PHOENIX-1409150 Datasheet
41Kb / 2P
   Star-delta bridge - HC-MOT-ST/DR-BR
logo
Schneider Electric
K30H001YP SCHNEIDER-K30H001YP Datasheet
160Kb / 10P
   cam star-delta switch - 3-pole - 60째 - 32 A - screw mounting
Feb 3, 2022
K63H001YP SCHNEIDER-K63H001YP Datasheet
196Kb / 10P
   cam star-delta switch - 3-pole - 60째 - 63 A - screw mounting
Feb 3, 2022
K150H001YP SCHNEIDER-K150H001YP Datasheet
187Kb / 10P
   cam star-delta switch - 3-pole - 60째 - 150 A - screw mounting
Feb 3, 2022
K50H001YP SCHNEIDER-K50H001YP Datasheet
144Kb / 10P
   cam star-delta switch - 3-pole - 60째 - 50 A - screw mounting
Feb 3, 2022
K115K006YP SCHNEIDER-K115K006YP Datasheet
178Kb / 10P
   cam reversing star-delta switch - 3- pole - 45째 - 115 A - screw mounting
Feb 3, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com