Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U631H64DK45G1 Datasheet(PDF) 5 Page - Simtek Corporation

Part # U631H64DK45G1
Description  SoftStore 8K x 8 nvSRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

U631H64DK45G1 Datasheet(HTML) 5 Page - Simtek Corporation

  U631H64DK45G1 Datasheet HTML 1Page - Simtek Corporation U631H64DK45G1 Datasheet HTML 2Page - Simtek Corporation U631H64DK45G1 Datasheet HTML 3Page - Simtek Corporation U631H64DK45G1 Datasheet HTML 4Page - Simtek Corporation U631H64DK45G1 Datasheet HTML 5Page - Simtek Corporation U631H64DK45G1 Datasheet HTML 6Page - Simtek Corporation U631H64DK45G1 Datasheet HTML 7Page - Simtek Corporation U631H64DK45G1 Datasheet HTML 8Page - Simtek Corporation U631H64DK45G1 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
U631H64
5
March 31, 2006
STK Control #ML0045
Rev 1.0
Read Cycle 1: Ai-controlled (during Read cycle: E = G = VIL, W = VIH)
f
Read Cycle 2: G-, E-controlled (during Read cycle: W = VIH)
g
No. Switching Characteristics
Write Cycle
Symbol
25
35
45
Unit
Alt. #1
Alt. #2
IEC
Min. Max. Min. Max. Min. Max.
12 Write Cycle Time
tAVAV
tAVAV
tcW
25
35
45
ns
13 Write Pulse Width
tWLWH
tw(W)
20
30
35
ns
14 Write Pulse Width Setup Time
tWLEH
tsu(W)
20
30
35
ns
15 Address Setup Time
tAVWL
tAVEL
tsu(A)
000
ns
16 Address Valid to End of Write
tAVWH
tAVEH tsu(A-WH) 20
30
35
ns
17 Chip Enable Setup Time
tELWH
tsu(E)
20
30
35
ns
18 Chip Enable to End of Write
tELEH
tw(E)
20
30
35
ns
19 Data Setup Time to End of Write
tDVWH
tDVEH
tsu(D)
12
18
20
ns
20 Data Hold Time after End of Write
tWHDX
tEHDX
th(D)
000
ns
21 Address Hold after End of Write
tWHAX
tEHAX
th(A)
000
ns
22 W LOW to Output in High-Zh, i
tWLQZ
tdis(W)
10
13
15
ns
23 W HIGH to Output in Low-Z
tWHQX
ten(W)
555
ns
tdis(E)
tcR
ta(E)
ten(E)
ten(G)
ta(G)
tdis(G)
Address Valid
Output Data Valid
High Impedance
ACTIVE
STANDBY
tPD
tPU
(1)
(3)
(4)
(5)
(7)
(6)
(8)
(10)
(11)
ta(A) (2)
ta(A)
Previous Data Valid
Output Data Valid
tcR
Address Valid
tv(A)
(1)
(2)
(9)
Ai
E
G
DQi
Output
ICC
Ai
DQi
Output


Similar Part No. - U631H64DK45G1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
More results

Similar Description - U631H64DK45G1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
logo
Cypress Semiconductor
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
Simtek Corporation
U631H256XS SIMTEK-U631H256XS Datasheet
225Kb / 15P
   SoftStore 32K x 8 nvSRAM Die
logo
Cypress Semiconductor
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
Simtek Corporation
UL631H256 SIMTEK-UL631H256 Datasheet
180Kb / 13P
   SimtekLow Voltage SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
   HardStore 8K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com