Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D90910210230 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D90910210230
Description  Modem Interface
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D90910210230 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D90910210230 Datasheet HTML 1Page - List of Unclassifed Manufacturers D90910210230 Datasheet HTML 2Page - List of Unclassifed Manufacturers D90910210230 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Du line®
Fieldbus
Installationbus
Specifications are subject to change without notice (28.09.99)
1
Dupline® is a registered trademark. A product of the CARLO GAVAZZI Group
Supply
Ordering no.
24 VAC
D 9091 0210 024
115 VAC
D 9091 0210 115
230 VAC
D 9091 0210 230
No code module required
• 5 operation modes
• Public line remote
• Public line central
• Private line master
• Private line slave
• RS 232 interface
• Baud rate: 300, 1200, 2400, 4800, 9600 Baud
• Protocols: Hayes AT and CCITT V.25 bis
• LED-indications for supply, call initiate,
external Dupline® OK and modem connection OK
• AC power supply
Product Description
Ordering Key
Dupline® interface for com-
monly available telephone
modems (autodial or leased
line). Hayes AT or CCITT
V.25 protocol with selectable
data format. Event, time or
manually controlled connec-
tion between autonomously
operated remote Dupline®
installations and a central
location.
Type Selection
Input/Output Specifications
Communication port
RS 232
25 pole male SUB-D
Pin allocation
TxD
Pin 2
RxD
Pin 3
GND
Pin 7
DCD
Pin 8
DTR
Pin 20
Dielectric voltage
Com. port - Dupline®
≥ 500 VAC (rms)
Dupline Tx inhibit input
Contact or NPN transistor
Open loop voltage
5 VDC
Short-circuit current
50 µA
Contact resistance
≤ 10 Ω
Cable length
≤ 3 m
Dielectric voltage
Input - Dupline®
≥ 500 VAC (rms)
Input - Com. port
None
Output
1 SPDT relay
Function
Alarm
Contact ratings (AgCdO)
µ (micro gap)
AC voltage
AC1 5A/48 VAC (240 VA)
DC voltage
DC1 0.7 A/48 VDC (33W)
Load current
≥100 mA
Mechanical life
≥ 30 x 106 operations
Elect. life (at max. load) AC 1
≥ 2.5 x 105 operations
Operating frequency
≤ 7200 operations/h
Dielectric voltage
Output - Electronics
≥ 4 kVAC (rms)
Supply Specifications
Power supply
Installation cat. III (IEC 60664)
Rated operational
voltage
024
024 VAC ± 15%
115
115 VAC ± 15%
230
230 VAC ± 15%
Frequency
45 to 65 Hz
Voltage interruption
≤ 40 ms
Power consumption
Typ. 6 VA
Rated operational withstand
voltage
230
4 kV
024
800 V
Dielectric voltage
Supply - Dupline
≥ 4 kVAC (rms)
Supply - Com. port
≥ 4 kVAC (rms)
Supply - Input
≥ 4 kVAC (rms)
Supply - Output
≥ 4 kVAC (rms)
Type: Dupline®
Type no.
Supply
Modem Interface
Type D 9091 0210
D 9091 0210 024


Similar Part No. - D90910210230

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D9091SW013 ETC2-D9091SW013 Datasheet
46Kb / 1P
   SYSCON Terminal Emulator Software
D9091SW015 ETC2-D9091SW015 Datasheet
46Kb / 1P
   SYSCON Terminal Emulator Software
More results

Similar Description - D90910210230

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
LTM-110A TALEMA-LTM-110A Datasheet
30Kb / 2P
   Line Interface 56kbps Modem Transformer
logo
Schneider Electric
SR2MOD02 SCHNEIDER-SR2MOD02 Datasheet
116Kb / 3P
   GSM modem interface, Zelio Logic, for communication interface SR2COM01
SR2MOD02 SCHNEIDER-SR2MOD02_V01 Datasheet
171Kb / 4P
   GSM modem interface, Zelio Logic, for communication interface SR2COM01
Mar 23, 2022
logo
Dorji Industrial Group ...
DRF1278DL DORJI-DRF1278DL Datasheet
832Kb / 11P
   LoRa RS232/RS485 Interface Data Radio Modem
logo
Schneider Electric
SR2COM01 SCHNEIDER-SR2COM01 Datasheet
117Kb / 4P
   Modem communication interface, Zelio Logic, for smart relay
SR2COM01 SCHNEIDER-SR2COM01_V01 Datasheet
158Kb / 4P
   Modem communication interface, Zelio Logic, for smart relay
Mar 23, 2022
logo
PHOENIX CONTACT
2313300 PHOENIX-2313300 Datasheet
148Kb / 9P
   Modem - PSI-MODEM/ETH
09/12/2020
logo
XFMRS Inc.
XFTEL2 XFMRS-XFTEL2_15 Datasheet
37Kb / 1P
   MODEM
logo
PHOENIX CONTACT
2313656 PHOENIX-2313656 Datasheet
291Kb / 7P
   Modem - PSI-MODEM-SHDSL/PB
2313436 PHOENIX-2313436 Datasheet
60Kb / 2P
   Modem - PSI-MODEM-BASIC/USB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com