Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D63696475024 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # D63696475024
Description  Display Receiver with Limit Outputs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D63696475024 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  D63696475024 Datasheet HTML 1Page - List of Unclassifed Manufacturers D63696475024 Datasheet HTML 2Page - List of Unclassifed Manufacturers D63696475024 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Du line®
Fieldbus
Installationbus
2
Specifications are subject to change without notice (12.10.05)
Dupline® is a registered trademark. A product of the CARLO GAVAZZI Group
Power supply
Overvoltage cat. III (IEC 60664)
Rated oprational
voltage
230
115 and 230 VAC ± 15%
024
24 VAC ± 15%
Frequency
45 to 65 Hz
Dropout tolerance
≤ 4.5 ms
Rated operational power
Typ. 8 VA
Rated operational withstand
voltage
230
4 kV
024
800 V
Dielectric voltage
Supply - Dupline®
≥ 4 kVAC (rms)
Supply - Inputs
≥ 4 kVAC (rms)
Supply - Relay outputs
≥ 4 kVAC (rms)
Supply - Transistor outputs
≥ 4 kVAC (rms)
D 6369 6475
General Specifications
Power ON delay
≤ 3s
Indication for
HIHI limit output
LED, red
HI limit output
LED, yellow
LO limit output
LED, yelow
LOLO limit output
LED, red
Environment
Degree of protection
IP 20
Pollution degree
3 (IEC 60664)
Operating temperature
0° to +60°C (+32° to +140°F)
Storage temperature
-25° to +85°C (-13° to +185°F)
Humidity (non-condensing)
0 to 80%
Mechanical resistance
Shock
15 g (11 ms)
Vibration
2 g (6-55 Hz)
Material
Glass-reinforced Noryl
Weight
460 g
Approvals
UL, CSA
Supply Specifications
Mode of Operation
4-digit 7-segment LED dis-
play used to monitor analog
signals, counter values or
time of the day.
The display value is freely
scaleable within the range
-9999 to +9999 with select-
able position of the decimal
point. Values from 3 1/2-digit
BCD, 4-digit BCD and 8-bit
binary transmitters can be
displayed, since the trans-
mission protocol is select-
able.
4 limit outputs are available:
HI, LO
-relay outputs
HIHI, LOLO
-NPN transis-
tor outputs
Each output can be allocated
freely to any scaled display
value. The limit outputs turn
on whenever the value con-
trolling the outputs is equal
or above the limit value
setting for HI and HIHI (equal
or below for LO and LOLO).
It is selectable whether the
limit outputs shall be reset
automatically (by the value
controlling the limit outputs
returning to normal) or man-
ually by activation of the
"Limit Reset" - input. The limit
outputs may also be disabled
if this feature is not required.
4 LEDs at the front also
indicate the signal level com-
pared to the 4 limit settings,
blinking upon limit alarm,
steady state after a manual
reset. The display can be
used in normal mode as well
as in multiplex mode (3 1/2-
digit BCD protocol only).
When
used
in
multiplex
mode, the multiplex address
for
the
display
may
be
selected by a selector switch
(e.g. on the cabinet door) that
connects to the "Multiplex
Address" inputs. Each of the
display values from the 16
multiplex addresses can be
scaled individually. The limit
value setting however will
always refer to the multiplex
address defined during the
configuration.
With the 4 keys at the front
the display shifts to program
mode, in which scaling, dec-
imal point position, limit value
settings, channel address,
multiplex address etc. is con-
figured.
For further information please
refer to the "User Manual"
delivered with the unit.
Display Specifications
HIHI, LOLO limit outputs
2 NPN transistors
Watchdog-output
1 NPN transistor
Isolated in groups of
1 x 3
Output voltage range VBB
6-60 VDC
Reverse-polarity protection
None
Current per output
≤ 250 mA
Total load capability
100%
Short-circuit protection
None
Built-in protective diodes
None
Off-state leakage current
≤ 500 µA
Output voltage drop
≤ 2.5 V
Dielectric voltage
Outputs-Dupline®
≥ 4 kVAC (rms)
Response time
Multiplex input
≥ 1 pulse train
Reset inputs
≥ 1 pulse train
Limit outputs
≥ 1 pulse train
Watchdog output
≥ 1 pulse train


Similar Part No. - D63696475024

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
D636 PANASONIC-D636 Datasheet
60Kb / 1P
   NPN Transistor
More results

Similar Description - D63696475024

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2864215 PHOENIX-2864215 Datasheet
101Kb / 4P
   2 relay outputs with freely adjustable limit values
logo
Linear Technology
LT3050 LINER-LT3050_15 Datasheet
405Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050 LINER-LT3050_10 Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
logo
Texas Instruments
MC3486 TI-MC3486 Datasheet
106Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
MC3486 TI-MC3486_06 Datasheet
385Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
MC3486 TI1-MC3486_14 Datasheet
953Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
AM26LS32 MOTOROLA-AM26LS32 Datasheet
81Kb / 4P
   QUAD EIA-422/3 LINE RECEIVER WITH THREE.STATE OUTPUTS
logo
Radiometrix Ltd
KDEC RADIOMETRIX-KDEC_12 Datasheet
300Kb / 5P
   Code-hopping receiver with up to 5 relay outputs
KDEC RADIOMETRIX-KDEC Datasheet
431Kb / 5P
   Code-hopping receiver with up to 5 relay outputs
logo
Motorola, Inc
SN75175 MOTOROLA-SN75175 Datasheet
135Kb / 8P
   QUAD EIA-485 LINE RECEIVER WITH THREE-STATE OUTPUTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com