Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UL631H256SC45 Datasheet(PDF) 1 Page - Simtek Corporation

Part # UL631H256SC45
Description  SimtekLow Voltage SoftStore 32K x 8 nvSRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

UL631H256SC45 Datasheet(HTML) 1 Page - Simtek Corporation

  UL631H256SC45 Datasheet HTML 1Page - Simtek Corporation UL631H256SC45 Datasheet HTML 2Page - Simtek Corporation UL631H256SC45 Datasheet HTML 3Page - Simtek Corporation UL631H256SC45 Datasheet HTML 4Page - Simtek Corporation UL631H256SC45 Datasheet HTML 5Page - Simtek Corporation UL631H256SC45 Datasheet HTML 6Page - Simtek Corporation UL631H256SC45 Datasheet HTML 7Page - Simtek Corporation UL631H256SC45 Datasheet HTML 8Page - Simtek Corporation UL631H256SC45 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
UL631H256
Obsolete - Not Recommended for New Designs
1
March 31, 2006
STK Control #ML0057
Rev 1.0
SimtekLow Voltage SoftStore 32K x 8 nvSRAM
The UL631H256 has two separate
modes of operation: SRAM mode
and nonvolatile mode. In SRAM
mode, the memory operates as an
ordinary static RAM. In nonvolatile
operation, data is transferred in
parallel from SRAM to EEPROM or
from EEPROM to SRAM. In this
mode SRAM functions are disab-
led.
The UL631H256 is a fast static
RAM (35 and 45 ns), with a nonvo-
latile electrically erasable PROM
(EEPROM) element incorporated
in each static memory cell. The
SRAM can be read and written an
unlimited number of times, while
independent nonvolatile data resi-
des in EEPROM. Data transfers
from the SRAM to the EEPROM
(the STORE operation), or from the
EEPROM
to the SRAM
(the
RECALL operation) are initiated
through software sequences.
The UL631H256 combines the
high performance and ease of use
of a fast SRAM with nonvolatile
data integrity.
Once a STORE cycle is initiated,
further input or output are disabled
until the cycle is completed.
Because a sequence of addresses
is used for STORE initiation, it is
important that no other read or
write accesses intervene in the
sequence or the sequence will be
aborted.
Internally, RECALL is a two step
procedure. First, the SRAM data is
cleared and second, the nonvola-
tile information is transferred into
the SRAM cells.
The RECALL operation in no way
alters the data in the EEPROM
cells. The nonvolatile data can be
recalled an unlimited number of
times.
The UL631H256 is pin compatible
with standard SRAMs.
High-performance CMOS non-
volatile static RAM 32768 x 8 bits
35 and 45 ns Access Times
15 and 20 ns Output Enable
Access Times
Software STORE Initiation
Automatic STORE Timing
106 STORE cycles to EEPROM
100 years data retention in
EEPROM
Automatic RECALL on Power Up
Software RECALL Initiation
Unlimited RECALL cycles from
EEPROM
Unlimited Read and Write to
SRAM
Wide voltage range: 2.7 ... 3.6 V
(3.0 ... 3.6 V for 35 ns type)
Operating temperature range:
0 to 70 °C
-40 to 85 °C
QS 9000 Quality Standard
RoHS compliance and Pb- free
ESD protection > 2000 V
(MIL STD 883C M3015.7-HBM)
Package: SOP28 (330 mil)
Pin Configuration
Pin Description
Signal Name
Signal Description
A0 - A14
Address Inputs
DQ0 - DQ7
Data In/Out
E
Chip Enable
G
Output Enable
W
Write Enable
VCC
Power Supply Voltage
VSS
Ground
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VCC
W
A13
A8
A9
A11
G
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
SOP
Top View
28
27
26
25
24
23
22
21
20
19
18
17
16
15
G
A11
A9
A8
A13
W
n. c.
VCC
n. c.
A14
A12
A7
A6
A5
A4
A3
n.c.
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
n.c.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
TSOP
Top View
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Features
Description


Similar Part No. - UL631H256SC45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UL631H256SC45 ETC1-UL631H256SC45 Datasheet
202Kb / 12P
   Low Voltage SoftStore 32K x 8 nvSRAM
UL631H256SC45G1 ETC1-UL631H256SC45G1 Datasheet
202Kb / 12P
   Low Voltage SoftStore 32K x 8 nvSRAM
More results

Similar Description - UL631H256SC45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
UL631H256 ETC1-UL631H256 Datasheet
202Kb / 12P
   Low Voltage SoftStore 32K x 8 nvSRAM
logo
Simtek Corporation
U631H256XS SIMTEK-U631H256XS Datasheet
225Kb / 15P
   SoftStore 32K x 8 nvSRAM Die
logo
Cypress Semiconductor
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
UL635H256 SIMTEK-UL635H256 Datasheet
187Kb / 14P
   Low Voltage PowerStore 32K x 8 nvSRAM
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com