Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UL634H256SA35G1 Datasheet(PDF) 8 Page - Simtek Corporation

Part # UL634H256SA35G1
Description  Low Voltage PowerStore 32K x 8 nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

UL634H256SA35G1 Datasheet(HTML) 8 Page - Simtek Corporation

Back Button UL634H256SA35G1 Datasheet HTML 4Page - Simtek Corporation UL634H256SA35G1 Datasheet HTML 5Page - Simtek Corporation UL634H256SA35G1 Datasheet HTML 6Page - Simtek Corporation UL634H256SA35G1 Datasheet HTML 7Page - Simtek Corporation UL634H256SA35G1 Datasheet HTML 8Page - Simtek Corporation UL634H256SA35G1 Datasheet HTML 9Page - Simtek Corporation UL634H256SA35G1 Datasheet HTML 10Page - Simtek Corporation UL634H256SA35G1 Datasheet HTML 11Page - Simtek Corporation UL634H256SA35G1 Datasheet HTML 12Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
UL634H256
8
August 15, 2006
STK Control #ML0058
Rev 1.1
PowerStore and Automatic Power Up RECALL
Hardware Controlled STORE
DQi
Output
Previous Data Valid
HSB
ten(H)S
td(H)S
Data Valid
tdis(H)S
p: tPDSTORE approximate td(E)S or td(H)S; tDELAY approximate tdis(H)S.
q: After tw(H)S HSB is hold down internal by STORE operation.
r:
An automatic RECALL also takes place at power up, starting when VCC exceeds VSWITCH and takes tRESTORE. VCC must not drop below
VSWITCH once it has been exceeded for the RECALL to function properly.
s: Once the software controlled STORE or RECALL cycle is initiated, it completes automatically, ignoring all inputs.
t:
Noise on the E pin may trigger multiple READ cycles from the same address and abort the address sequence.
No.
Software Controlled STORE/
RECALL Cycle
Symbol
35
45
Unit
Alt.
IEC
Min.
Max.
Min.
Max.
29 STORE/RECALL Initiation Time
tAVAV
tcR
35
45
ns
30 Chip Enable to Output Inactives
tELQZ
tdis(E)SR
600
600
ns
31 STORE Cycle Time
tELQXS
td(E)S
10
10
ms
32 RECALL Cycle Timer
tELQXR
td(E)R
20
20
μs
33 Address Setup to Chip Enablet
tAVELN
tsu(A)SR
00
ns
34 Chip Enable Pulse Widths, t
tELEHN
tw(E)SR
25
30
ns
35 Chip Disable to Address Changet
tEHAXN
th(A)SR
00
ns
tw(H)Sq (28)
(26)
(27)
(25)
High Impedance
VCAP
3.0 V
t
PowerStore
Power Up
VSWITCH
W
DQi
POWER UP
RECALL
BROWN OUT
tRESTORE
tRESTORE
BROWN OUT
PowerStore
(NO SRAM WRITES)
RECALL
(24)
(24)
NO STORE
tPDSTOREp
tDELAYp


Similar Part No. - UL634H256SA35G1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UL634H256SC35 ETC-UL634H256SC35 Datasheet
232Kb / 14P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
UL634H256SC35G1 ETC-UL634H256SC35G1 Datasheet
232Kb / 14P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
UL634H256SC45 ETC-UL634H256SC45 Datasheet
232Kb / 14P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
UL634H256SC45G1 ETC-UL634H256SC45G1 Datasheet
232Kb / 14P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
UL634H256SK35 ETC-UL634H256SK35 Datasheet
232Kb / 14P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
More results

Similar Description - UL634H256SA35G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
UL635H256 SIMTEK-UL635H256 Datasheet
187Kb / 14P
   Low Voltage PowerStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
UL634H256 ETC-UL634H256 Datasheet
232Kb / 14P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
UL635H256 ETC-UL635H256 Datasheet
211Kb / 13P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
   PowerStore 32K x 8 nvSRAM
logo
Zentrum Mikroelektronik...
U634H256 ZMD-U634H256 Datasheet
248Kb / 14P
   POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256XS SIMTEK-U634H256XS Datasheet
256Kb / 17P
   PowerStore 32K x 8 nvSRAM Die
logo
Cypress Semiconductor
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
logo
Simtek Corporation
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
   PowerStore 8K x 8 nvSRAM
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com