Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UL634H256SK35G1 Datasheet(PDF) 10 Page - Simtek Corporation

Part # UL634H256SK35G1
Description  Low Voltage PowerStore 32K x 8 nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

UL634H256SK35G1 Datasheet(HTML) 10 Page - Simtek Corporation

Back Button UL634H256SK35G1 Datasheet HTML 6Page - Simtek Corporation UL634H256SK35G1 Datasheet HTML 7Page - Simtek Corporation UL634H256SK35G1 Datasheet HTML 8Page - Simtek Corporation UL634H256SK35G1 Datasheet HTML 9Page - Simtek Corporation UL634H256SK35G1 Datasheet HTML 10Page - Simtek Corporation UL634H256SK35G1 Datasheet HTML 11Page - Simtek Corporation UL634H256SK35G1 Datasheet HTML 12Page - Simtek Corporation UL634H256SK35G1 Datasheet HTML 13Page - Simtek Corporation UL634H256SK35G1 Datasheet HTML 14Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
UL634H256
10
August 15, 2006
STK Control #ML0058
Rev 1.1
Test Configuration for Functional Check
x: In measurement of tdis-times and ten-times the capacitance is 5 pF.
y: Between VCC and VSS must be connected a high frequency bypass capacitor 0.1 μF to avoid disturbances.
Capacitancee
Conditions
Symbol
Min.
Max.
Unit
Input Capacitance
VCC
VI
f
Ta
= 3.0 V
= VSS
= 1 MHz
= 25
°C
CI
8pF
Output Capacitance
CO
7pF
All Pins not under test must be connected with ground by capacitors.
VCCXY VCAP
VIH
VIL
VSS
1.1 k
950
30 pF x
VO
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
HSB
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
HSB
E
W
G
3 V
A13
A14
Operating Temperature Range
C =
0 to 70 °C
K = -40 to 85 °C
A = -40 to 125 °C
G1
S
45
C
UL634H256
Type
Package
S = SOP32 (300mil)
Ordering Code
Leadfree Option
G1
= Leadfree Green Package
Access Time
35 = 35 ns (V
CC = 3.0 ... 3.6 V)
45 = 45 ns (V
CC = 2.7 ... 3.6 V)
Example
Date of manufacture
(The first 2 digits indicating
the year, and the last 2
digits the calendar week.)
Leadfree Green Package
Product specification
Internal Code
Device Marking
(example)
ZMD
UL634H256SC
45
Z 0425
G1


Similar Part No. - UL634H256SK35G1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UL634H256SK35G1 ETC-UL634H256SK35G1 Datasheet
232Kb / 14P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
More results

Similar Description - UL634H256SK35G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
UL635H256 SIMTEK-UL635H256 Datasheet
187Kb / 14P
   Low Voltage PowerStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
UL634H256 ETC-UL634H256 Datasheet
232Kb / 14P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
UL635H256 ETC-UL635H256 Datasheet
211Kb / 13P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
   PowerStore 32K x 8 nvSRAM
logo
Zentrum Mikroelektronik...
U634H256 ZMD-U634H256 Datasheet
248Kb / 14P
   POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256XS SIMTEK-U634H256XS Datasheet
256Kb / 17P
   PowerStore 32K x 8 nvSRAM Die
logo
Cypress Semiconductor
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
logo
Simtek Corporation
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
   PowerStore 8K x 8 nvSRAM
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com