Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UL631H256S2C35G1 Datasheet(PDF) 5 Page - Simtek Corporation

Part # UL631H256S2C35G1
Description  SimtekLow Voltage SoftStore 32K x 8 nvSRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

UL631H256S2C35G1 Datasheet(HTML) 5 Page - Simtek Corporation

  UL631H256S2C35G1 Datasheet HTML 1Page - Simtek Corporation UL631H256S2C35G1 Datasheet HTML 2Page - Simtek Corporation UL631H256S2C35G1 Datasheet HTML 3Page - Simtek Corporation UL631H256S2C35G1 Datasheet HTML 4Page - Simtek Corporation UL631H256S2C35G1 Datasheet HTML 5Page - Simtek Corporation UL631H256S2C35G1 Datasheet HTML 6Page - Simtek Corporation UL631H256S2C35G1 Datasheet HTML 7Page - Simtek Corporation UL631H256S2C35G1 Datasheet HTML 8Page - Simtek Corporation UL631H256S2C35G1 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
UL631H256
5
March 31, 2006
STK Control #ML0057
Rev 1.0
Read Cycle 1: Ai-controlled (during Read cycle: E = G = VIL, W = VIH)
f
No. Switching Characteristics
Write Cycle
Symbol
35
45
Unit
Alt. #1
Alt. #2
IEC
Min.
Max.
Min.
Max.
12 Write Cycle Time
tAVAV
tAVAV
tcW
35
45
ns
13 Write Pulse Width
tWLWH
tw(W)
25
30
ns
14 Write Pulse Width Setup Time
tWLEH
tsu(W)
25
30
ns
15 Address Setup Time
tAVWL
tAVEL
tsu(A)
00
ns
16 Address Valid to End of Write
tAVWH
tAVEH tsu(A-WH)
25
30
ns
17 Chip Enable Setup Time
tELWH
tsu(E)
25
30
ns
18 Chip Enable to End of Write
tELEH
tw(E)
25
30
ns
19 Data Setup Time to End of Write
tDVWH
tDVEH
tsu(D)
12
15
ns
20 Data Hold Time after End of Write
tWHDX
tEHDX
th(D)
00
ns
21 Address Hold after End of Write
tWHAX
tEHAX
th(A)
00
ns
22 W LOW to Output in High-Zh, i
tWLQZ
tdis(W)
13
15
ns
23 W HIGH to Output in Low-Z
tWHQX
ten(W)
55
ns
Read Cycle 2: G-, E-controlled (during Read cycle: W = VIH)
g
ta(A)
Previous Data Valid
Output Data Valid
tcR
Address Valid
tv(A)
Ai
DQi
Output
(1)
(2)
(9)
Ai
E
G
DQi
Output
tdis(E)
tcR
ta(E)
ten(E)
ten(G)
ta(G)
tdis(G)
Output Data Valid
High Impedance
ICC
ACTIVE
STANDBY
tPD
tPU
(1)
(3)
(4)
(5)
(7)
(6)
(8)
(10)
(11)
ta(A) (2)
Address Valid


Similar Part No. - UL631H256S2C35G1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UL631H256S2C35G1 ETC1-UL631H256S2C35G1 Datasheet
202Kb / 12P
   Low Voltage SoftStore 32K x 8 nvSRAM
More results

Similar Description - UL631H256S2C35G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
UL631H256 ETC1-UL631H256 Datasheet
202Kb / 12P
   Low Voltage SoftStore 32K x 8 nvSRAM
logo
Simtek Corporation
U631H256XS SIMTEK-U631H256XS Datasheet
225Kb / 15P
   SoftStore 32K x 8 nvSRAM Die
logo
Cypress Semiconductor
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
UL635H256 SIMTEK-UL635H256 Datasheet
187Kb / 14P
   Low Voltage PowerStore 32K x 8 nvSRAM
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com