Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U63716DK70 Datasheet(PDF) 10 Page - Simtek Corporation

Part # U63716DK70
Description  CapStore 2K x 8 nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

U63716DK70 Datasheet(HTML) 10 Page - Simtek Corporation

Back Button U63716DK70 Datasheet HTML 6Page - Simtek Corporation U63716DK70 Datasheet HTML 7Page - Simtek Corporation U63716DK70 Datasheet HTML 8Page - Simtek Corporation U63716DK70 Datasheet HTML 9Page - Simtek Corporation U63716DK70 Datasheet HTML 10Page - Simtek Corporation U63716DK70 Datasheet HTML 11Page - Simtek Corporation U63716DK70 Datasheet HTML 12Page - Simtek Corporation U63716DK70 Datasheet HTML 13Page - Simtek Corporation U63716DK70 Datasheet HTML 14Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
U63716
10
March 31, 2006
STK Control #ML0053
Rev 1.0
Test Configuration for Functional Check
w: In measurement of tdis-times and ten-times the capacitance is 5 pF.
x:
Between VCC and VSS must be connected a high frequency bypass capacitor 0.1 μF to avoid disturbances.
Capacitancee
Conditions
Symbol
Min.
Max.
Unit
Input Capacitance
VCC
VI
f
Ta
= 5.0 V
= VSS
= 1 MHz
= 25
°C
CI
8pF
Output Capacitance
CO
7pF
All Pins not under test must be connected with ground by capacitors.
VIH
VIL
V
SS
480
255
30 pF w
VO
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
E
W
G
5 V
VCCx
Operating Temperature Range
C =
0 to
70 °C
K = -40 to
85 °C
D
70
K
U63716
Type
Package
D = PDIP24 (600mil)
Ordering Code
Leadfree Option
blank = Standard Package y
G1
= Leadfree Green Package
Access Time
70 = 70 ns
y: on special request
Example
Date of manufacture
(The first 2 digits indicating
the year, and the last 2
digits the calendar week.)
Leadfree Green Package
Product specification
Internal Code
Device Marking (example)
ZMD
U63716DK
70
Z
0425
G1


Similar Part No. - U63716DK70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U63716DK70 ETC-U63716DK70 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
U63716DK70G1 ETC-U63716DK70G1 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
More results

Similar Description - U63716DK70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U637256 SIMTEK-U637256 Datasheet
253Kb / 14P
   CapStore 32K x 8 nvSRAM
U637H256 SIMTEK-U637H256 Datasheet
257Kb / 14P
   CapStore 32K x 8 nvSRAM
U63764 SIMTEK-U63764 Datasheet
136Kb / 14P
   CapStore 8K x 8 nvSRAM
logo
List of Unclassifed Man...
U63764 ETC1-U63764 Datasheet
136Kb / 14P
   CapStore 8K x 8 nvSRAM
U637256 ETC1-U637256 Datasheet
146Kb / 14P
   CapStore 32K x 8 nvSRAM
U637H256 ETC1-U637H256 Datasheet
148Kb / 14P
   CapStore 32K x 8 nvSRAM
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com