Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U63764DK70G1 Datasheet(PDF) 8 Page - Simtek Corporation

Part # U63764DK70G1
Description  CapStore 8K x 8 nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

U63764DK70G1 Datasheet(HTML) 8 Page - Simtek Corporation

Back Button U63764DK70G1 Datasheet HTML 4Page - Simtek Corporation U63764DK70G1 Datasheet HTML 5Page - Simtek Corporation U63764DK70G1 Datasheet HTML 6Page - Simtek Corporation U63764DK70G1 Datasheet HTML 7Page - Simtek Corporation U63764DK70G1 Datasheet HTML 8Page - Simtek Corporation U63764DK70G1 Datasheet HTML 9Page - Simtek Corporation U63764DK70G1 Datasheet HTML 10Page - Simtek Corporation U63764DK70G1 Datasheet HTML 11Page - Simtek Corporation U63764DK70G1 Datasheet HTML 12Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
U63764
8
March 31, 2006
STK Control #ML0055
Rev 1.0
o:
The software sequence is clocked with E controlled READs.
p:
Once the software controlled STORE or RECALL cycle is initiated, it completes automatically, ignoring all inputs.
q:
Note that STORE cycles (but not RECALL) are inhibited by VCC < VSWITCH (STORE inhibit).
r:
An automatic RECALL also takes place at power up, starting when VCC exceeds VSWITCH and takes tRESTORE. VCC must not drop below
VSWITCH once it has been exceeded for the RECALL to function properly.
s:
Noise on the E pin may trigger multiple READ cycles from the same address and abort the address sequence.
t:
If the Chip Enable Pulse Width is less than ta(E) (see Read Cycle) but greater than or equal tw(E)SR, than the data may not be valid at
the end of the low pulse, however the STORE or RECALL will still be initiated.
No.
Software Controlled STORE/
RECALL Cyclek, o
Symbol
Min.
Max.
Unit
Alt.
IEC
27
STORE/RECALL Initiation Time
tAVAV
tcR
70
ns
28
Chip Enable to Output Inactivep
tELQZ
tdis(E)SR
600
ns
29
STORE Cycle Timeq
tELQXS
td(E)S
10
ms
30
RECALL Cycle Timer
tELQXR
td(E)R
20
μs
31
Address Setup to Chip Enables
tAVELN
tsu(A)SR
0ns
32
Chip Enable Pulse Widths, t
tELEHN
tw(E)SR
60
ns
33
Chip Disable to Address Changes
tEHAXN
th(A)SR
0ns
PowerStore and automatic Power Up RECALL
VCC
5.0 V
t
PowerStore
Power Up
VSWITCH
W
DQi
POWER UP
RECALL
BROWN OUT
tRESTORE
tRESTORE
BROWN OUT
PowerStore
(NO SRAM WRITES)
RECALL
(24)
(24)
NO STORE
tPDSTORE
tDELAY
(25)


Similar Part No. - U63764DK70G1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U63764DK70G1 ETC1-U63764DK70G1 Datasheet
136Kb / 14P
   CapStore 8K x 8 nvSRAM
More results

Similar Description - U63764DK70G1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U63764 ETC1-U63764 Datasheet
136Kb / 14P
   CapStore 8K x 8 nvSRAM
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U637256 SIMTEK-U637256 Datasheet
253Kb / 14P
   CapStore 32K x 8 nvSRAM
U637H256 SIMTEK-U637H256 Datasheet
257Kb / 14P
   CapStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U637256 ETC1-U637256 Datasheet
146Kb / 14P
   CapStore 32K x 8 nvSRAM
U637H256 ETC1-U637H256 Datasheet
148Kb / 14P
   CapStore 32K x 8 nvSRAM
logo
Simtek Corporation
U63716 SIMTEK-U63716 Datasheet
135Kb / 14P
   CapStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
   HardStore 8K x 8 nvSRAM
logo
Simtek Corporation
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
   PowerStore 8K x 8 nvSRAM
U635H64 SIMTEK-U635H64 Datasheet
138Kb / 14P
   PowerStore 8K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com