Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U631H16S1C45G1 Datasheet(PDF) 6 Page - Simtek Corporation

Part # U631H16S1C45G1
Description  SimtekSoftStore 2K x 8 nvSRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

U631H16S1C45G1 Datasheet(HTML) 6 Page - Simtek Corporation

Back Button U631H16S1C45G1 Datasheet HTML 2Page - Simtek Corporation U631H16S1C45G1 Datasheet HTML 3Page - Simtek Corporation U631H16S1C45G1 Datasheet HTML 4Page - Simtek Corporation U631H16S1C45G1 Datasheet HTML 5Page - Simtek Corporation U631H16S1C45G1 Datasheet HTML 6Page - Simtek Corporation U631H16S1C45G1 Datasheet HTML 7Page - Simtek Corporation U631H16S1C45G1 Datasheet HTML 8Page - Simtek Corporation U631H16S1C45G1 Datasheet HTML 9Page - Simtek Corporation U631H16S1C45G1 Datasheet HTML 10Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
U631H16
6
March 31, 2006
STK Control #ML0042
Rev 1.0
High Impedance
L- to H-level
undefined
H- to L-level
i:
If W is LOW and when E goes LOW, the outputs remain in the high impedance state.
j:
E or W must be > VIH during address transitions.
Write Cycle #1: W-controlledj
Write Cycle #2: E-controlledj
th(D)
Ai
E
W
DQi
Input
DQi
Output
tcW
tsu(E)
th(A)
tw(W)
tsu(D)
tdis(W)
ten(W)
Address Valid
Input Data Valid
High Impedance
tsu(A-WH)
(12)
(16)
(13)
(19)
(20)
(23)
(21)
tsu(A)
th(D)
Ai
E
W
DQi
Input
DQi
Output
tcW
tw(E)
th(A)
tsu(D)
Input Data Valid
tsu(W)
(12)
(18)
(21)
(20)
(19)
(17)
(22)
Previous Data Valid
(15)
(14)
(15)
tsu(A)
Address Valid


Similar Part No. - U631H16S1C45G1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U631H16S1C45 ETC-U631H16S1C45 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
More results

Similar Description - U631H16S1C45G1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Simtek Corporation
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U635H16 SIMTEK-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
U630H16P SIMTEK-U630H16P Datasheet
178Kb / 17P
   HardStore 2K x 8 nvSRAM
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
U630H16PA35 SIMTEK-U630H16PA35 Datasheet
324Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U630H16 ETC-U630H16 Datasheet
212Kb / 14P
   HARDSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com