Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U631H256S2C25G1 Datasheet(PDF) 6 Page - Simtek Corporation

Part # U631H256S2C25G1
Description  SoftStore 32K x 8 nvSRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

U631H256S2C25G1 Datasheet(HTML) 6 Page - Simtek Corporation

Back Button U631H256S2C25G1 Datasheet HTML 2Page - Simtek Corporation U631H256S2C25G1 Datasheet HTML 3Page - Simtek Corporation U631H256S2C25G1 Datasheet HTML 4Page - Simtek Corporation U631H256S2C25G1 Datasheet HTML 5Page - Simtek Corporation U631H256S2C25G1 Datasheet HTML 6Page - Simtek Corporation U631H256S2C25G1 Datasheet HTML 7Page - Simtek Corporation U631H256S2C25G1 Datasheet HTML 8Page - Simtek Corporation U631H256S2C25G1 Datasheet HTML 9Page - Simtek Corporation U631H256S2C25G1 Datasheet HTML 10Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
U631H256
6
August 15, 2006
STK Control #ML0043
Rev 1.1
L- to H-level
undefined
H- to L-level
i:
If W is low and when E goes low, the outputs remain in the high impedance state.
j:
E or W must be > VIH during address transitions.
Write Cycle #1: W-controlledj
Write Cycle #2: E-controlledj
th(D)
Ai
E
W
DQi
Input
DQi
Output
tcW
tsu(E)
th(A)
tw(W)
tsu(D)
tdis(W)
ten(W)
Address Valid
Input Data Valid
High Impedance
tsu(A-WH)
(12)
(16)
(13)
(19)
(20)
(23)
(21)
tsu(A)
th(D)
Ai
E
W
DQi
Input
DQi
Output
tcW
tw(E)
th(A)
tsu(D)
Address Valid
Input Data Valid
tsu(W)
(12)
(18)
(21)
(20)
(19)
(17)
(22)
Previous Data
(15)
(14)
High Impedance
(15)
tsu(A)
tsu(E)


Similar Part No. - U631H256S2C25G1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U631H256SC25G1 ETC1-U631H256SC25G1 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
U631H256SK25G1 ETC1-U631H256SK25G1 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
More results

Similar Description - U631H256S2C25G1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
Simtek Corporation
U631H256XS SIMTEK-U631H256XS Datasheet
225Kb / 15P
   SoftStore 32K x 8 nvSRAM Die
logo
Cypress Semiconductor
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
Simtek Corporation
UL631H256 SIMTEK-UL631H256 Datasheet
180Kb / 13P
   SimtekLow Voltage SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
UL631H256 ETC1-UL631H256 Datasheet
202Kb / 12P
   Low Voltage SoftStore 32K x 8 nvSRAM
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com