Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK16C88-3WF35 Datasheet(PDF) 10 Page - Simtek Corporation

Part # STK16C88-3WF35
Description  32Kx8 AutoStore nvSRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK16C88-3WF35 Datasheet(HTML) 10 Page - Simtek Corporation

Back Button STK16C88-3WF35 Datasheet HTML 4Page - Simtek Corporation STK16C88-3WF35 Datasheet HTML 5Page - Simtek Corporation STK16C88-3WF35 Datasheet HTML 6Page - Simtek Corporation STK16C88-3WF35 Datasheet HTML 7Page - Simtek Corporation STK16C88-3WF35 Datasheet HTML 8Page - Simtek Corporation STK16C88-3WF35 Datasheet HTML 9Page - Simtek Corporation STK16C88-3WF35 Datasheet HTML 10Page - Simtek Corporation STK16C88-3WF35 Datasheet HTML 11Page - Simtek Corporation STK16C88-3WF35 Datasheet HTML 12Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
February, 2007
Document Control #ML0019 Rev 0.3
STK16C88-3
ORDERING INFORMATION
Temperature Range
Blank = Commercial (0 to 70°C)
I = Industrial (–40 to 85°C)
Access Time
35 = 35ns
Lead Finish
F = 100% Sn (Matte Tin)
Package
W = Plastic 28-pin 600 mil DIP
ORDERING CODES
Part Number
Description
Temperature
STK16C88-3WF35
3.3V 32Kx8 AutoStore+ nvSRAM PDIP28-600
Commercial
STK16C88-3WF35I
3.3V 32Kx8 AutoStore+ nvSRAM PDIP28-600
Industrial
STK16C88-3 W F 35 I


Similar Part No. - STK16C88-3WF35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK16C88-3WF35 ETC1-STK16C88-3WF35 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C88-3WF35 SIMTEK-STK16C88-3WF35 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK16C88-3WF35 CYPRESS-STK16C88-3WF35 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
logo
List of Unclassifed Man...
STK16C88-3WF35I ETC1-STK16C88-3WF35I Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C88-3WF35I SIMTEK-STK16C88-3WF35I Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
More results

Similar Description - STK16C88-3WF35

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com