Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK14D88-RF45TR Datasheet(PDF) 7 Page - Simtek Corporation

Part # STK14D88-RF45TR
Description  32Kx8 Autostore nvSRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14D88-RF45TR Datasheet(HTML) 7 Page - Simtek Corporation

Back Button STK14D88-RF45TR Datasheet HTML 3Page - Simtek Corporation STK14D88-RF45TR Datasheet HTML 4Page - Simtek Corporation STK14D88-RF45TR Datasheet HTML 5Page - Simtek Corporation STK14D88-RF45TR Datasheet HTML 6Page - Simtek Corporation STK14D88-RF45TR Datasheet HTML 7Page - Simtek Corporation STK14D88-RF45TR Datasheet HTML 8Page - Simtek Corporation STK14D88-RF45TR Datasheet HTML 9Page - Simtek Corporation STK14D88-RF45TR Datasheet HTML 10Page - Simtek Corporation STK14D88-RF45TR Datasheet HTML 11Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
STK14D88
7
February 2007
Document Control #ML0033 Rev 1.7
AutoStore™/POWER-UP RECALL
Note i:
tHRECALL starts from the time VCC rises above VSWITCH
Note j:
If an SRAM WRITE has not taken place since the last nonvolatile cycle, no STORE will take place
Note k: Industrial Grade Devices require 15 ms MAX.
AutoStore™/POWER-UP RECALL
NO.
SYMBOLS
PARAMETER
STK14D88
UNITS
NOTES
Standard
Alternate
MIN
MAX
22
tHRECALL
Power-up RECALL Duration
20
ms
i
23
tSTORE
tHLHZ
STORE
Cycle Duration
12.5
ms
j,k
24
VSWITCH
Low Voltage Trigger Level
2.65
V
25
VCCRISE
VCC Rise Time
150
μs
POWER-UP RECALL
VCC
23
tSTORE
22
tHRECALL
24
VSWITCH
AutoStore
TM
POWER DOWN
AutoStore
TM
BROWN OUT
AutoStore
TM
POWER-UP
RECALL
Read & Write Inhibited
25
tVCCRISE
23
tSTORE
22
tHRECALL
POWER-UP
RECALL
STORE
occurs only if a
SRAM write has
happened.
No STORE occurs
without at least one
SRAM write.
Note: Read and Write cycles will be ignored during STORE, RECALL and while VCC is below VSWITCH


Similar Part No. - STK14D88-RF45TR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14D88-RF45TR SIMTEK-STK14D88-RF45TR Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
More results

Similar Description - STK14D88-RF45TR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com