Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK15C68-SF35I Datasheet(PDF) 8 Page - Simtek Corporation

Part # STK15C68-SF35I
Description  8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK15C68-SF35I Datasheet(HTML) 8 Page - Simtek Corporation

Back Button STK15C68-SF35I Datasheet HTML 2Page - Simtek Corporation STK15C68-SF35I Datasheet HTML 3Page - Simtek Corporation STK15C68-SF35I Datasheet HTML 4Page - Simtek Corporation STK15C68-SF35I Datasheet HTML 5Page - Simtek Corporation STK15C68-SF35I Datasheet HTML 6Page - Simtek Corporation STK15C68-SF35I Datasheet HTML 7Page - Simtek Corporation STK15C68-SF35I Datasheet HTML 8Page - Simtek Corporation STK15C68-SF35I Datasheet HTML 9Page - Simtek Corporation STK15C68-SF35I Datasheet HTML 10Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
STK15C68
March 2006
8
Document Control # ML0009 rev 0.2
Internally, RECALL is a two-step procedure. First,
the SRAM data is cleared, and second, the nonvola-
tile information is transferred into the SRAM cells.
After the t
RECALL cycle time the SRAM will once again
be ready for READ and WRITE operations. The
RECALL
operation in no way alters the data in the
Nonvolatile Elements. The nonvolatile data can be
recalled an unlimited number of times.
AutoStore™ OPERATION
The STK15C68 uses the intrinsic system capaci-
tance to perform an automatic store on power
down. As long as the system power supply takes at
least t
STORE to decay from VSWITCH down to 3.6V, the
STK15C68 will safely and automatically store the
SRAM
data in Nonvolatile Elements on power
down.
In order to prevent unneeded STORE operations,
automatic STORE will be ignored unless at least
one WRITE operation has taken place since the
most recent STORE or RECALL cycle. Software-
initiated STORE cycles are performed regardless of
whether a WRITE operation has taken place.
POWER-UP RECALL
During power up, or after any low-power condition
(V
CC < VRESET), an internal RECALL request will be
latched. When V
CC once again exceeds the sense
voltage of V
SWITCH, a RECALL cycle will automatically
be initiated and will take t
RESTORE to complete.
If the STK15C68 is in a WRITE state at the end of
power-up RECALL, the SRAM data will be corrupted.
To help avoid this situation, a 10K Ohm resistor
should be connected either between W and system
V
CC or between E and system VCC.
HARDWARE PROTECT
The STK15C68 offers hardware protection against
inadvertent STORE operation and SRAM WRITEs
during low-voltage conditions. When V
CC < VSWITCH,
software STORE operations and SRAM WRITEs are
inhibited.
LOW AVERAGE ACTIVE POWER
The STK15C68 draws significantly less current
when it is cycled at times longer than 50ns. Figure 2
shows the relationship between I
CC and READ cycle
time. Worst-case current consumption is shown for
both CMOS and TTL input levels (commercial tem-
perature range, V
CC= 5.5V, 100% duty cycle on chip
enable). Figure 3 shows the same relationship for
WRITE
cycles. If the chip enable duty cycle is less
than 100%, only standby current is drawn when the
chip is disabled. The overall average current drawn
by the STK15C68 depends on the following items:
1) CMOS vs. TTL input levels; 2) the duty cycle of
chip enable; 3) the overall cycle rate for accesses;
4) the ratio of READs to WRITEs; 5) the operating
temperature; 6) the V
CC level; and 7) I/O loading.
Figure 2: ICC (max) Reads
0
20
40
60
80
100
50
100
150
200
Cycle Time (ns)
TTL
CMOS
Figure 3: ICC (max) Writes
0
20
40
60
80
100
50
100
150
200
Cycle Time (ns)
TTL
CMOS


Similar Part No. - STK15C68-SF35I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK15C68-SF25 SIMTEK-STK15C68-SF25 Datasheet
397Kb / 14P
   32Kx8 PowerStore nvSRAM
STK15C68-SF25I SIMTEK-STK15C68-SF25I Datasheet
397Kb / 14P
   32Kx8 PowerStore nvSRAM
STK15C68-SF25ITR SIMTEK-STK15C68-SF25ITR Datasheet
397Kb / 14P
   32Kx8 PowerStore nvSRAM
STK15C68-SF25TR SIMTEK-STK15C68-SF25TR Datasheet
397Kb / 14P
   32Kx8 PowerStore nvSRAM
STK15C68-SF45 SIMTEK-STK15C68-SF45 Datasheet
397Kb / 14P
   32Kx8 PowerStore nvSRAM
More results

Similar Description - STK15C68-SF35I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com