Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6105H016 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6105H016
Description  CMOS Voltage Detector
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6105H016 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6105H016 Datasheet HTML 1Page - Torex Semiconductor XC6105H016 Datasheet HTML 2Page - Torex Semiconductor XC6105H016 Datasheet HTML 3Page - Torex Semiconductor XC6105H016 Datasheet HTML 4Page - Torex Semiconductor XC6105H016 Datasheet HTML 5Page - Torex Semiconductor XC6105H016 Datasheet HTML 6Page - Torex Semiconductor XC6105H016 Datasheet HTML 7Page - Torex Semiconductor XC6105H016 Datasheet HTML 8Page - Torex Semiconductor XC6105H016 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5/26
XC6101 ~ XC6107, XC6111~ XC6117
Series
Represents product series
MARK
PRODUCT SERIES
MARK
PRODUCT SERIES
0
XC6101xxxxxx
7
XC6111xxxxxx
1
XC6102xxxxxx
8
XC6112xxxxxx
2
XC6103xxxxxx
9
XC6113xxxxxx
3
XC6104xxxxxx
A
XC6114xxxxxx
4
XC6105xxxxxx
B
XC6115xxxxxx
5
XC6106xxxxxx
C
XC6116xxxxxx
6
XC6107xxxxxx
D
XC6117xxxxxx
Represents release delay time and watchdog timeout period
MARK
RELEASE
DELAY
TIME
WATCH DOG
TIMEOUT PERIOD
PRODUCT
SERIES
MARK
RELEASE
DELAY
TIME
WATCH DOG
TIMEOUT PERIOD
PRODUCT
SERIES
A
3.13msec XC61X6, XC61X7 series XC61xxA0xxxx
E
50msec
400msec
XC61xxC5xxxx
0
3.13msec
6.25msec
XC61xxA1xxxx
F
50msec
1.6sec
XC61xxC6xxxx
1
3.13msec
50msec
XC61xxA2xxxx
D
100msec
XC61X6, XC61X7 series XC61xxD0xxxx
2
3.13msec
100msec
XC61xxA3xxxx
H
100msec
100msec
XC61xxD3xxxx
3
3.13msec
200msec
XC61xxA4xxxx
K
100msec
200msec
XC61xxD4xxxx
4
3.13msec
400msec
XC61xxA5xxxx
L
100msec
400msec
XC61xxD5xxxx
5
3.13msec
1.6sec
XC61xxA6xxxx
M
100msec
1.6sec
XC61xxD6xxxx
B
25msec
XC61X6, XC61X7 series XC61xxB0xxxx
E
200msec
XC61X6, XC61X7 series XC61xxE0xxxx
6
25msec
50msec
XC61xxB2xxxx
P
200msec
200msec
XC61xxE4xxxx
7
25msec
100msec
XC61xxB3xxxx
R
200msec
400msec
XC61xxE5xxxx
8
25msec
200msec
XC61xxB4xxxx
S
200msec
1.6sec
XC61xxE6xxxx
9
25msec
400msec
XC61xxB5xxxx
F
400msec
XC61X6, XC61X7 series XC61xxF0xxxx
A
25msec
1.6sec
XC61xxB6xxxx
T
400msec
400msec
XC61xxF5xxxx
C
50msec
XC61X6, XC61X7 series XC61xxC0xxxx
U
400msec
1.6sec
XC61xxF6xxxx
B
50msec
50msec
XC61xxC2xxxx
H
1.6sec
XC61X6, XC61X7 series XC61xxH0xxxx
C
50msec
100msec
XC61xxC3xxxx
V
1.6sec
1.6sec
XC61xxH6xxxx
D
50msec
200msec
XC61xxC4xxxx
Represents detect voltage
MARK
DETECT VOLTAGE
PRODUCT SERIES
MARK
DETECT VOLTAGE
PRODUCT SERIES
F
1.6
XC61Xxxx16xx
3
3.4
XC61Xxxx34xx
H
1.7
XC61Xxxx17xx
4
3.5
XC61Xxxx35xx
K
1.8
XC61Xxxx18xx
5
3.6
XC61Xxxx36xx
L
1.9
XC61Xxxx19xx
6
3.7
XC61Xxxx37xx
M
2.0
XC61Xxxx20xx
7
3.8
XC61Xxxx38xx
N
2.1
XC61Xxxx21xx
8
3.9
XC61Xxxx39xx
P
2.2
XC61Xxxx22xx
9
4.0
XC61Xxxx40xx
R
2.3
XC61Xxxx23xx
A
4.1
XC61Xxxx41xx
S
2.4
XC61Xxxx24xx
B
4.2
XC61Xxxx42xx
T
2.5
XC61Xxxx25xx
C
4.3
XC61Xxxx43xx
U
2.6
XC61Xxxx26xx
D
4.4
XC61Xxxx44xx
V
2.7
XC61Xxxx27xx
E
4.5
XC61Xxxx45xx
X
2.8
XC61Xxxx28xx
F
4.6
XC61Xxxx46xx
Y
2.9
XC61Xxxx29xx
H
4.7
XC61Xxxx47xx
Z
3.0
XC61Xxxx30xx
K
4.8
XC61Xxxx48xx
0
3.1
XC61Xxxx31xx
L
4.9
XC61Xxxx49xx
1
3.2
XC61Xxxx32xx
M
5.0
XC61Xxxx50xx
2
3.3
XC61Xxxx33xx
Represents production lot number
0 to 9 and A to Z and inverted 0 to 9 and A to Z repeated. (G, I, J, O, Q, W expected.)
* ‘X’ represents both ‘0’ and ‘1’. (ex. XC61X1⇒XC6101 and XC6111)
MARKING RULE
SOT-25
①②
③ ④
SOT-25
(TOP VIEW)


Similar Part No. - XC6105H016

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016EL TOREX-XC610101A016EL Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ER TOREX-XC610101A016ER Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ML TOREX-XC610101A016ML Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016MR TOREX-XC610101A016MR Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
More results

Similar Description - XC6105H016

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM97-SERIES ELM-TECH-ELM97-SERIES Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
List of Unclassifed Man...
SCI7700Y ETC2-SCI7700Y Datasheet
59Kb / 8P
   CMOS VOLTAGE DETECTOR
logo
ELM Electronics
ELM97 ELM-ELM97 Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
ELM Technology Corporat...
ELM97 ELM-TECH-ELM97 Datasheet
783Kb / 9P
   CMOS Voltage detector
ELM9709NAB-S ELM-TECH-ELM9709NAB-S Datasheet
105Kb / 9P
   CMOS Voltage detector
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
   CMOS Dual voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
logo
Impala Linear Corporati...
ILC5140 IMPALA-ILC5140 Datasheet
63Kb / 6P
   CMOS MULTILEVEL VOLTAGE DETECTOR
logo
ELM Electronics
ELM77 ELM-ELM77 Datasheet
1Mb / 10P
   CMOS Dual voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com