Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK15C68-NF25ITR Datasheet(PDF) 11 Page - Simtek Corporation

Part # STK15C68-NF25ITR
Description  32Kx8 PowerStore nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK15C68-NF25ITR Datasheet(HTML) 11 Page - Simtek Corporation

Back Button STK15C68-NF25ITR Datasheet HTML 6Page - Simtek Corporation STK15C68-NF25ITR Datasheet HTML 7Page - Simtek Corporation STK15C68-NF25ITR Datasheet HTML 8Page - Simtek Corporation STK15C68-NF25ITR Datasheet HTML 9Page - Simtek Corporation STK15C68-NF25ITR Datasheet HTML 10Page - Simtek Corporation STK15C68-NF25ITR Datasheet HTML 11Page - Simtek Corporation STK15C68-NF25ITR Datasheet HTML 12Page - Simtek Corporation STK15C68-NF25ITR Datasheet HTML 13Page - Simtek Corporation STK15C68-NF25ITR Datasheet HTML 14Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
STK15C88
February, 2007
Document Control #ML0016 Rev 0.3
ORDERING CODES
STK15C88-SF25
5V 32Kx8 PowerStore nvSRAM SOP28-330
Commercial
STK15C88-SF45
5V 32Kx8 PowerStore nvSRAM SOP28-330
Commercial
STK15C88-NF25
5V 32Kx8 PowerStore nvSRAM SOP28-300
Commercial
STK15C88-NF45
5V 32Kx8 PowerStore nvSRAM SOP28-300
Commercial
STK15C88-SF25TR
5V 32Kx8 PowerStore nvSRAM SOP28-330
Commercial
STK15C88-SF45TR
5V 32Kx8 PowerStore nvSRAM SOP28-330
Commercial
STK15C88-NF25TR
5V 32Kx8 PowerStore nvSRAM SOP28-300
Commercial
STK15C88-NF45TR
5V 32Kx8 PowerStore nvSRAM SOP28-300
Commercial
STK15C88-SF25I
5V 32Kx8 PowerStore nvSRAM SOP28-330
Industrial
STK15C88-SF45I
5V 32Kx8 PowerStore nvSRAM SOP28-330
Industrial
STK15C88-NF25I
5V 32Kx8 PowerStore nvSRAM SOP28-300
Industrial
STK15C88-NF45I
5V 32Kx8 PowerStore nvSRAM SOP28-300
Industrial
STK15C88-SF25ITR
5V 32Kx8 PowerStore nvSRAM SOP28-330
Industrial
STK15C88-SF45ITR
5V 32Kx8 PowerStore nvSRAM SOP28-330
Industrial
STK15C88-NF25ITR
5V 32Kx8 PowerStore nvSRAM SOP28-300
Industrial
STK15C88-NF45ITR
5V 32Kx8 PowerStore nvSRAM SOP28-300
Industrial


Similar Part No. - STK15C68-NF25ITR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK15C68-P25 ETC-STK15C68-P25 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK15C68-P25I ETC-STK15C68-P25I Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK15C68-P35 ETC-STK15C68-P35 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK15C68-P35I ETC-STK15C68-P35I Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK15C68-P45 ETC-STK15C68-P45 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
More results

Similar Description - STK15C68-NF25ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK15C88 SIMTEK-STK15C88_08 Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK11C88 SIMTEK-STK11C88 Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK11C88 SIMTEK-STK11C88_08 Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com