Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK11C68-SF45 Datasheet(PDF) 7 Page - Simtek Corporation

Part # STK11C68-SF45
Description  8Kx8 SoftStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK11C68-SF45 Datasheet(HTML) 7 Page - Simtek Corporation

Back Button STK11C68-SF45 Datasheet HTML 3Page - Simtek Corporation STK11C68-SF45 Datasheet HTML 4Page - Simtek Corporation STK11C68-SF45 Datasheet HTML 5Page - Simtek Corporation STK11C68-SF45 Datasheet HTML 6Page - Simtek Corporation STK11C68-SF45 Datasheet HTML 7Page - Simtek Corporation STK11C68-SF45 Datasheet HTML 8Page - Simtek Corporation STK11C68-SF45 Datasheet HTML 9Page - Simtek Corporation STK11C68-SF45 Datasheet HTML 10Page - Simtek Corporation STK11C68-SF45 Datasheet HTML 11Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
February, 2007
Document Control #ML0007 Rev 0.3
STK11C68 (SMD5962–92324)
SOFTWARE STORE/RECALL MODE SELECTION
Note l:
The six consecutive addresses must be in the order listed. W must be high during all six consecutive cycles to enable a nonvolatile cycle.
SOFTWARE STORE/RECALL CYCLEm, n
(VCC = 5.0V ± 10%)
Note m: The software sequence is clocked with E controlled reads.
Note n:
The six consecutive addresses must be in the order listed in the Software STORE/RECALL Mode Selection Table: (0000, 1555, 0AAA, 1FFF,
10F0, 0F0F) for a STORE cycle or (0000, 1555, 0AAA, 1FFF, 10F0, 0F0E) for a RECALL cycle. W must be high during all six consecutive
cycles.
SOFTWARE STORE/RECALL CYCLE: E Controlledn
E
W
A12 - A0 (hex)
MODE
I/O
NOTES
L
H
0000
1555
0AAA
1FFF
10F0
0F0F
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
STORE
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
l
L
H
0000
1555
0AAA
1FFF
10F0
0F0E
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
RECALL
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
l
NO.
SYMBOLS
PARAMETER
STK11C68-25
STK11C68-35
STK11C68-45
STK11C68-55
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
26
tAVAV
STORE/RECALL Initiation Cycle Time
25
35
45
55
ns
27
tAVEL
m
Address Set-up Time
0
0
0
0
ns
28
tELEH
m
Clock Pulse Width
20
25
30
35
ns
29
tELAX
m
Address Hold Time
20
20
20
20
ns
30
tRECALL
m
RECALL Duration
20
20
20
20
μs
HIGH IMPEDANCE
ADDRESS #6
ADDRESS #1
DATA VALID
26
tAVAV
DATA VALID
DQ (DATA
E
ADDRESS
23
30
tSTORE / tRECALL
26
tAVAV
27
tAVEL
28
tELEH
29
tELAX


Similar Part No. - STK11C68-SF45

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK11C68-SF25 CYPRESS-STK11C68-SF25 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-SF25I CYPRESS-STK11C68-SF25I Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-SF25ITR CYPRESS-STK11C68-SF25ITR Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-SF25TR CYPRESS-STK11C68-SF25TR Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-SF35 CYPRESS-STK11C68-SF35 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
More results

Similar Description - STK11C68-SF45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK11C88 SIMTEK-STK11C88 Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK11C88 SIMTEK-STK11C88_08 Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
logo
Texas Instruments
BQ4822Y TI-BQ4822Y Datasheet
104Kb / 16P
[Old version datasheet]   RTC Module With 8Kx8 NVSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
Simtek Corporation
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
U631H256XS SIMTEK-U631H256XS Datasheet
225Kb / 15P
   SoftStore 32K x 8 nvSRAM Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com