Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK11C88-3W25 Datasheet(PDF) 9 Page - Simtek Corporation

Part # STK11C88-3W25
Description  32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK11C88-3W25 Datasheet(HTML) 9 Page - Simtek Corporation

Back Button STK11C88-3W25 Datasheet HTML 2Page - Simtek Corporation STK11C88-3W25 Datasheet HTML 3Page - Simtek Corporation STK11C88-3W25 Datasheet HTML 4Page - Simtek Corporation STK11C88-3W25 Datasheet HTML 5Page - Simtek Corporation STK11C88-3W25 Datasheet HTML 6Page - Simtek Corporation STK11C88-3W25 Datasheet HTML 7Page - Simtek Corporation STK11C88-3W25 Datasheet HTML 8Page - Simtek Corporation STK11C88-3W25 Datasheet HTML 9Page - Simtek Corporation STK11C88-3W25 Datasheet HTML 10Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
STK11C88-3
March 2006
9
Document Control # ML0013 rev 0.2
ORDERING INFORMATION
Temperature Range
Blank = Commercial (0 to 70°C)
I = Industrial (–40 to 85°C)
Access Time
35 = 35ns
45 = 45ns
55 = 55ns
Lead Finish
Blank = 85%Sn/15%Pb
F = 100% Sn (Matte Tin)
Package
W=Plastic 28-pin 600 mil DIP
P=Plastic 28-pin 300 mil DIP
S=Plastic 28-pin 350 mil SOIC
N=Plastic 28-pin 300 mil SOIC
W F 25 I
STK11C88-3


Similar Part No. - STK11C88-3W25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK11C88-N20 ETC1-STK11C88-N20 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88-N20I ETC1-STK11C88-N20I Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88-N25 ETC1-STK11C88-N25 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88-N25I ETC1-STK11C88-N25I Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88-N35 ETC1-STK11C88-N35 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results

Similar Description - STK11C88-3W25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com