Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK16C68 Datasheet(PDF) 8 Page - Simtek Corporation

Part # STK16C68
Description  8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK16C68 Datasheet(HTML) 8 Page - Simtek Corporation

Back Button STK16C68 Datasheet HTML 2Page - Simtek Corporation STK16C68 Datasheet HTML 3Page - Simtek Corporation STK16C68 Datasheet HTML 4Page - Simtek Corporation STK16C68 Datasheet HTML 5Page - Simtek Corporation STK16C68 Datasheet HTML 6Page - Simtek Corporation STK16C68 Datasheet HTML 7Page - Simtek Corporation STK16C68 Datasheet HTML 8Page - Simtek Corporation STK16C68 Datasheet HTML 9Page - Simtek Corporation STK16C68 Datasheet HTML 10Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
STK16C68
March 2006
8
Document Control # ML0010 rev 0.2
1.
Read address
0000 (hex)
Valid READ
2.
Read address
1555 (hex)
Valid READ
3.
Read address
0AAA (hex)
Valid READ
4.
Read address
1FFF (hex)
Valid READ
5.
Read address
10F0 (hex)
Valid READ
6.
Read address
0F0F (hex)
Initiate STORE cycle
The software sequence must be clocked with E
controlled READs.
Once the sixth address in the sequence has been
entered, the STORE cycle will commence and the
chip will be disabled. It is important that READ
cycles and not WRITE cycles be used in the
sequence, although it is not necessary that G be
low for the sequence to be valid. After the t
STORE
cycle time has been fulfilled, the SRAM will again be
activated for READ and WRITE operation.
SOFTWARE NONVOLATILE RECALL
A software RECALL cycle is initiated with a
sequence of READ operations in a manner similar
to the software STORE initiation. To initiate the
RECALL
cycle, the following sequence of READ
operations must be performed:
1.
Read address
0000 (hex)
Valid READ
2.
Read address
1555 (hex)
Valid READ
3.
Read address
0AAA (hex)
Valid READ
4.
Read address
1FFF (hex)
Valid READ
5.
Read address
10F0 (hex)
Valid READ
6.
Read address
0F0E (hex)
Initiate RECALL cycle
Internally, RECALL is a two-step procedure. First,
the SRAM data is cleared, and second, the nonvola-
tile information is transferred into the SRAM cells.
After the t
RECALL cycle time the SRAM will once again
be ready for READ and WRITE operations. The
RECALL
operation in no way alters the data in the
Nonvolatile Elements. The nonvolatile data can be
recalled an unlimited number of times.
HARDWARE PROTECT
The STK16C68 offers hardware protection against
inadvertent STORE operation and SRAM WRITEs
during low-voltage conditions. When V
CC < VSWITCH,
software STORE operations and SRAM WRITEs are
inhibited.
LOW AVERAGE ACTIVE POWER
The STK16C68 draws significantly less current
when it is cycled at times longer than 50ns. Figure 2
shows the relationship between I
CC and READ cycle
time. Worst-case current consumption is shown for
both CMOS and TTL input levels (commercial tem-
perature range, V
CC = 5.5V, 100% duty cycle on
chip enable). Figure 3 shows the same relationship
for WRITE cycles. If the chip enable duty cycle is
less than 100%, only standby current is drawn
when the chip is disabled. The overall average cur-
rent drawn by the STK16C68 depends on the fol-
lowing items: 1) CMOS vs. TTL input levels; 2) the
duty cycle of chip enable; 3) the overall cycle rate
for accesses; 4) the ratio of READs to WRITEs; 5)
the operating temperature; 6) the V
CC level; and 7) I/
O loading.
Figure 2: ICC (max) Reads
0
20
40
60
80
100
50
100
150
200
Cycle Time (ns)
TTL
CMOS
Figure 3: ICC (max) Writes
0
20
40
60
80
100
50
100
150
200
Cycle Time (ns)
TTL
CMOS


Similar Part No. - STK16C68

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68-S20 ETC1-STK16C68-S20 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68-S20I ETC1-STK16C68-S20I Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68-S25 ETC1-STK16C68-S25 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68-S25I ETC1-STK16C68-S25I Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

Similar Description - STK16C68

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16CA8 SIMTEK-STK16CA8 Datasheet
310Kb / 12P
   128K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com