Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK15C68-PF45I Datasheet(PDF) 10 Page - Simtek Corporation

Part # STK15C68-PF45I
Description  8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK15C68-PF45I Datasheet(HTML) 10 Page - Simtek Corporation

Back Button STK15C68-PF45I Datasheet HTML 2Page - Simtek Corporation STK15C68-PF45I Datasheet HTML 3Page - Simtek Corporation STK15C68-PF45I Datasheet HTML 4Page - Simtek Corporation STK15C68-PF45I Datasheet HTML 5Page - Simtek Corporation STK15C68-PF45I Datasheet HTML 6Page - Simtek Corporation STK15C68-PF45I Datasheet HTML 7Page - Simtek Corporation STK15C68-PF45I Datasheet HTML 8Page - Simtek Corporation STK15C68-PF45I Datasheet HTML 9Page - Simtek Corporation STK15C68-PF45I Datasheet HTML 10Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
STK15C68
March 2006
10
Document Control # ML0009 rev 0.2
Document Revision History
Revision
Date
Summary
0.0
December 2002
0.1
September 2003
Added lead-free lead finish
0.2
March 2006
Marked as Obsolete, Not recommended for new design.


Similar Part No. - STK15C68-PF45I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK15C68-P25 ETC-STK15C68-P25 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK15C68-P25I ETC-STK15C68-P25I Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK15C68-P35 ETC-STK15C68-P35 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK15C68-P35I ETC-STK15C68-P35I Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK15C68-P45 ETC-STK15C68-P45 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
More results

Similar Description - STK15C68-PF45I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com