Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK14D88-NF35ITR Datasheet(PDF) 3 Page - Simtek Corporation

Part # STK14D88-NF35ITR
Description  32Kx8 Autostore nvSRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14D88-NF35ITR Datasheet(HTML) 3 Page - Simtek Corporation

  STK14D88-NF35ITR Datasheet HTML 1Page - Simtek Corporation STK14D88-NF35ITR Datasheet HTML 2Page - Simtek Corporation STK14D88-NF35ITR Datasheet HTML 3Page - Simtek Corporation STK14D88-NF35ITR Datasheet HTML 4Page - Simtek Corporation STK14D88-NF35ITR Datasheet HTML 5Page - Simtek Corporation STK14D88-NF35ITR Datasheet HTML 6Page - Simtek Corporation STK14D88-NF35ITR Datasheet HTML 7Page - Simtek Corporation STK14D88-NF35ITR Datasheet HTML 8Page - Simtek Corporation STK14D88-NF35ITR Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
STK14D88
3
February 2007
Document Control #ML0033 Rev 1.7
ABSOLUTE MAXIMUM RATINGSa
Voltage on Input Relative to Ground . . . . . . . . . . . . . –0.5V to 4.1V
Voltage on Input Relative to VSS . . . . . . . . . .–0.5V to (VCC + 0.5V)
Voltage on DQ0-7 or HSB . . . . . . . . . . . . . . . .–0.5V to (VCC + 0.5V)
Temperature under Bias. . . . . . . . . . . . . . . . . . . . . .–55
°C to 125°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . .–55
°C to 140°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .–65
°C to 150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W
DC Output Current (1 output at a time, 1s duration) . . . . . . . 15mA
Note a: Stresses greater than those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This is a
stress rating only, and functional operation of the device at con-
ditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rat-
ing conditions for extended periods may affect reliability.
DC CHARACTERISTICS
(VCC = 2.7V-3.6V)
Note: The HSB pin has IOUT=-10 uA for VOH of 2.4 V, this parameter is characterized but not tested.
SYMBOL
PARAMETER
COMMERCIAL
INDUSTRIAL
UNITS
NOTES
MIN
MAX
MIN
MAX
ICC1
Average VCC Current
65
55
50
70
60
55
mA
mA
mA
tAVAV = 25ns
tAVAV = 35ns
tAVAV = 45ns
Dependent on output loading and cycle
rate. Values obtained without output
loads.
ICC2
Average VCC Current during STORE
3
3
mA
All Inputs Don’t Care, VCC = max
Average current for duration of STORE
cycle (tSTORE)
ICC3
Average VCC Current at tAVAV = 200ns
3V, 25°C, Typical
10
10
mA
W
≥ (V CC– 0.2V)
All Other Inputs Cycling at CMOS Levels
Dependent on output loading and cycle
rate. Values obtained without output
loads.
ICC4
Average VCAP Current during
AutoStore
™ Cycle
3
3
mA
All Inputs Don’t Care
Average current for duration of STORE
cycle (tSTORE)
ISB
VCC Standby Current
(Standby, Stable CMOS Levels)
3
3
mA
E
≥ (VCC -0.2V)
All Others VIN0.2V or ≥ (VCC-0.2V)
Standby current level after nonvolatile
cycle complete
IILK
Input Leakage Current
±1
±1
μA
VCC = max
VIN = VSS to VCC
IOLK
Off-State Output Leakage Current
±1
±1
μA
VCC = max
VIN = VSS to VCC, E or G ≥ VIH
VIH
Input Logic “1” Voltage
2.0
VCC + 0.3
2.0
VCC + 0.3
V
All Inputs
VIL
Input Logic “0” Voltage
VSS –0.5
0.8
VSS –0.5
0.8
V
All Inputs
VOH
Output Logic “1” Voltage
2.4
2.4
V
IOUT =– 2mA
VOL
Output Logic “0” Voltage
0.4
0.4
V
IOUT = 4mA
TA
Operating Temperature
0
70
–40
85
°C
VCC
Operating Voltage
2.7
3.6
2.7
3.6
V
3.3V + 0.3V
VCAP
Storage Capacitance
17
120
17
120
μF
Between VCAP pin and VSS, 5V rated.
NVC
Nonvolatile STORE operations
200
200
K
DATAR
Data Retention
20
20
Years
@ 55 deg C
Package Thermal Characteristics - See Website: http://www.simtek.com


Similar Part No. - STK14D88-NF35ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14D88-NF35ITR SIMTEK-STK14D88-NF35ITR Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
More results

Similar Description - STK14D88-NF35ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com