Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK15C88 Datasheet(PDF) 9 Page - Simtek Corporation

Part # STK15C88
Description  32Kx8 PowerStore nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK15C88 Datasheet(HTML) 9 Page - Simtek Corporation

Back Button STK15C88 Datasheet HTML 5Page - Simtek Corporation STK15C88 Datasheet HTML 6Page - Simtek Corporation STK15C88 Datasheet HTML 7Page - Simtek Corporation STK15C88 Datasheet HTML 8Page - Simtek Corporation STK15C88 Datasheet HTML 9Page - Simtek Corporation STK15C88 Datasheet HTML 10Page - Simtek Corporation STK15C88 Datasheet HTML 11Page - Simtek Corporation STK15C88 Datasheet HTML 12Page - Simtek Corporation STK15C88 Datasheet HTML 13Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
STK15C88
February, 2007
Document Control #ML0016 Rev 0.3
Internally, RECALL is a two-step procedure. First,
the SRAM data is cleared, and second, the nonvola-
tile information is transferred into the SRAM cells.
After the t
RECALL cycle time the SRAM will once again
be ready for READ and WRITE operations. The
RECALL
operation in no way alters the data in the
nonvolatile elements. The nonvolatile data can be
recalled an unlimited number of times.
AutoStoreTM OPERATION
The STK15C88 uses the intrinsic system capaci-
tance to perform an automatic STORE on power
down. As long as the system power supply takes at
least t
STORE to decay from VSWITCH down to 3.6V, the
STK15C88 will safely and automatically store the
SRAM
data in nonvolatile elements on power down.
In order to prevent unneeded STORE operations,
automatic STOREs will be ignored unless at least
one WRITE operation has taken place since the
most recent STORE or RECALL cycle. Software-
initiated STORE cycles are performed regardless of
whether a WRITE operation has taken place. Addi-
tional information may be found in applications note
“Applying
the
STK11C88,
STK15C88
and
STK16C88 32K nvSRAM.”
POWER-UP RECALL
During power up, or after any low-power condition
(V
CC < VRESET), an internal RECALL request will be
latched. When V
CC once again exceeds the sense
voltage of V
SWITCH, a RECALL cycle will automatically
be initiated and will take t
RESTORE to complete.
If the STK15C88 is in a WRITE state at the end of
power-up RECALL, the SRAM data will be corrupted.
To help avoid this situation, a 10K Ohm resistor
should be connected either between W and system
V
CC or between E and system VCC.
HARDWARE PROTECT
The STK15C88 offers hardware protection against
inadvertent STORE operation and SRAM WRITEs
during low-voltage conditions. When V
CC < VSWITCH,
all software STORE operations and SRAM WRITEs
are inhibited.
LOW AVERAGE ACTIVE POWER
The STK15C88 draws significantly less current
when it is cycled at times longer than 50ns. Figure 2
shows the relationship between I
CC and READ cycle
time. Worst-case current consumption is shown for
both CMOS and TTL input levels (commercial tem-
perature range, V
CC = 5.5V, 100% duty cycle on chip
enable). Figure 3 shows the same relationship for
WRITE
cycles. If the chip enable duty cycle is less
than 100%, only standby current is drawn when the
chip is disabled. The overall average current drawn
by the STK15C88 depends on the following items:
1) CMOS vs. TTL input levels; 2) the duty cycle of
chip enable; 3) the overall cycle rate for accesses;
4) the ratio of READs to WRITEs; 5) the operating
temperature; 6) the V
CC level; and 7) I/O loading.
Figure 2: ICC (max) Reads
0
20
40
60
80
100
50
100
150
200
Cycle Time (ns)
TTL
CMOS
Figure 3: ICC (max) Writes
0
20
40
60
80
100
50
100
150
200
Cycle Time (ns)
TTL
CMOS


Similar Part No. - STK15C88

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C88 SIMTEK-STK15C88 Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
STK15C88 CYPRESS-STK15C88 Datasheet
832Kb / 17P
   256-Kbit (32 K x 8) PowerStore nvSRAM Unlimited RECALL Cycles
logo
List of Unclassifed Man...
STK15C88-N25 ETC-STK15C88-N25 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
More results

Similar Description - STK15C88

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK15C88 SIMTEK-STK15C88_08 Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK11C88 SIMTEK-STK11C88 Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK11C88 SIMTEK-STK11C88_08 Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com