Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK11C88-3WF25 Datasheet(PDF) 8 Page - Simtek Corporation

Part # STK11C88-3WF25
Description  32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK11C88-3WF25 Datasheet(HTML) 8 Page - Simtek Corporation

Back Button STK11C88-3WF25 Datasheet HTML 2Page - Simtek Corporation STK11C88-3WF25 Datasheet HTML 3Page - Simtek Corporation STK11C88-3WF25 Datasheet HTML 4Page - Simtek Corporation STK11C88-3WF25 Datasheet HTML 5Page - Simtek Corporation STK11C88-3WF25 Datasheet HTML 6Page - Simtek Corporation STK11C88-3WF25 Datasheet HTML 7Page - Simtek Corporation STK11C88-3WF25 Datasheet HTML 8Page - Simtek Corporation STK11C88-3WF25 Datasheet HTML 9Page - Simtek Corporation STK11C88-3WF25 Datasheet HTML 10Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
STK11C88-3
March 2006
8
Document Control # ML0013 rev 0.2
Internally, RECALL is a two-step procedure. First,
the SRAM data is cleared, and second, the nonvola-
tile information is transferred into the SRAM cells.
After the t
RECALL cycle time the SRAM will once again
be ready for READ and WRITE operations. The
RECALL
operation in no way alters the data in the
Nonvolatile Elements. The nonvolatile data can be
recalled an unlimited number of times.
POWER-UP RECALL
During power up, or after any low-power condition
(V
CC < VRESET ), an internal RECALL request will be
latched. When V
CC once again exceeds the sense
voltage of V
SWITCH, a RECALL cycle will automatically
be initiated and will take t
RESTORE to complete.
If the STK11C88-3 is in a WRITE state at the end of
power-up RECALL, the SRAM data will be corrupted.
To help avoid this situation, a 10K Ohm resistor
should be connected either between W and system
V
CC or between E and system VCC.
HARDWARE PROTECT
The
STK11C88-3
offers
hardware
protection
against inadvertent STORE operation during low-
voltage conditions. When V
CC < VSWITCH, all software
STORE
operations are inhibited.
LOW AVERAGE ACTIVE POWER
The STK11C88-3 draws significantly less current
when it is cycled at times longer than 55ns. Figure 2
shows the relationship between I
CC and READ cycle
time. Worst-case current consumption is shown for
both CMOS and TTL input levels (commercial tem-
perature range, V
CC = 3.6V, 100% duty cycle on
chip enable). Figure 3 shows the same relationship
for WRITE cycles.If the chip enable duty cycle is less
than 100%, only standby current is drawn when the
chip is disabled. The overall average current drawn
by the STK11C88-3 depends on the following
items: 1) CMOS vs. TTL input levels; 2) the duty
cycle of chip enable; 3) the overall cycle rate for
accesses; 4) the ratio of READs to WRITEs; 5) the
operating temperature; 6) the VCC level; and 7) I/O
loading.
Figure 2: ICC (max) Reads
0
10
20
30
40
50
50
100
150
200
Cycle Time (ns)
TTL
CMOS
Figure 3: ICC (max) Writes
0
10
20
30
40
50
50
100
150
200
Cycle Time (ns)
TTL
CMOS


Similar Part No. - STK11C88-3WF25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK11C88-N20 ETC1-STK11C88-N20 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88-N20I ETC1-STK11C88-N20I Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88-N25 ETC1-STK11C88-N25 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88-N25I ETC1-STK11C88-N25I Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88-N35 ETC1-STK11C88-N35 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results

Similar Description - STK11C88-3WF25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com