Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8718K Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8718K
Description  8-bit high-speed analog-to-digital converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8718K Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8718K Datasheet HTML 5Page - NXP Semiconductors TDA8718K Datasheet HTML 6Page - NXP Semiconductors TDA8718K Datasheet HTML 7Page - NXP Semiconductors TDA8718K Datasheet HTML 8Page - NXP Semiconductors TDA8718K Datasheet HTML 9Page - NXP Semiconductors TDA8718K Datasheet HTML 10Page - NXP Semiconductors TDA8718K Datasheet HTML 11Page - NXP Semiconductors TDA8718K Datasheet HTML 12Page - NXP Semiconductors TDA8718K Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
June 1994
9
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDA8718
Fig.5 Fast Fourier Transform (fclk = 100 MHz; fi = 4.43 MHz).
Effective bits: 7.53; THD =
−54.56 dB.
Harmonic levels (dB): 2nd =
−77.28; 3rd = −54.76; 4th = −71.43; 5th = −71.85; 6th = −105.50.
handbook, full pagewidth
18.8
0
120
0
6.27
12.5
MBD879
40
80
43.9
25.1
31.3
37.6
50.2
f (MHz)
100
20
60
amplitude
(dB)
Fig.6 Fast Fourier Transform (fclk = 500 MHz; fi = 100 MHz).
Effective bits: 6.60; THD =
−48.60 dB.
Harmonic levels (dB): 2nd =
−64.81; 3rd = −51.10; 4th = −65.05; 5th = −58.33; 6th = −54.07.
handbook, full pagewidth
93.5
0
120
0
31.2
62.4
MBD880
40
80
218.0
125.0
156.0
187.0
249.0
f (MHz)
100
20
60
amplitude
(dB)


Similar Part No. - TDA8718K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
TDA8712T PHILIPS-TDA8712T Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
TDA8714 PHILIPS-TDA8714 Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
TDA8714M PHILIPS-TDA8714M Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
TDA8714M/4 PHILIPS-TDA8714M/4 Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
More results

Similar Description - TDA8718K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8715 PHILIPS-TDA8715 Datasheet
430Kb / 15P
    8 - BIT HIGH SPEED ANALOG - TO - DIGITAL CONVERTER
November 1990
TDF8704 PHILIPS-TDF8704 Datasheet
137Kb / 20P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8714 PHILIPS-TDA8714 Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
TDA8703 PHILIPS-TDA8703 Datasheet
141Kb / 18P
   8-bit high-speed analog-to-digital converter
1996 Aug 26
TDA8716 PHILIPS-TDA8716 Datasheet
167Kb / 21P
   8-bit high-speed analog-to-digital converter
1996 Aug 26
logo
Texas Instruments
TLC5540 TI-TLC5540 Datasheet
231Kb / 18P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
logo
Exar Corporation
MP7684A EXAR-MP7684A Datasheet
1Mb / 14P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
MP7683 EXAR-MP7683 Datasheet
645Kb / 10P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
XRD8785 EXAR-XRD8785 Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD8775 EXAR-XRD8775 Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com