Electronic Components Datasheet Search |
|
TLE2142AID Datasheet(PDF) 10 Page - Texas Instruments |
|
|
TLE2142AID Datasheet(HTML) 10 Page - Texas Instruments |
10 / 72 page TLE214x, TLE214xA EXCALIBUR LOW NOISE HIGHSPEED PRECISION OPERATIONAL AMPLIFIERS SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2142C electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLE2142C TLE2142AC UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage 25 °C 220 1900 200 1500 V VIO Input offset voltage Full range 2200 1800 µV VIO Temperature coefficient of Full range 1.7 1.7 V/ °C αVIO Temperature coefficient of input offset voltage VO = 2.5 V, RS = 50 Ω, Full range 1.7 1.7 µV/°C IIO Input offset current VO = 2.5 V, VIC = 2.5 V RS = 50 Ω, 25 °C 8 100 8 100 nA IIO Input offset current VIC = 2.5 V Full range 150 150 nA IIB Input bias current 25 °C − 0.8 −2 − 0.8 −2 A IIB Input bias current Full range − 2.1 − 2.1 µA 0 − 0.3 0 − 0.3 25 °C 0 to − 0.3 to 0 to − 0.3 to VICR Common-mode input RS = 50 Ω 25 C to 3 to 3.2 to 3 to 3.2 V VICR Common-mode input voltage range RS = 50 Ω 0 0 V voltage range Full range 0 to 0 to Full range to 2.9 to 2.9 IOH = − 150 A 25 °C 3.9 4.1 3.9 4.1 IOH = − 150 µA Full range 3.8 3.8 VOH High-level output voltage IOH = − 1.5 mA 25 °C 3.8 4 3.8 4 V VOH High-level output voltage IOH = − 1.5 mA Full range 3.7 3.7 V IOH = − 15 mA 25 °C 3.4 3.7 3.4 3.7 IOH = − 15 mA Full range 3.4 3.4 IOL = 150 A 25 °C 75 125 75 125 IOL = 150 µA Full range 150 150 mV VOL Low-level output voltage IOL = 1.5 mA 25 °C 150 225 150 225 mV VOL Low-level output voltage IOL = 1.5 mA Full range 250 250 IOL = 15 mA 25 °C 1.2 1.4 1.2 1.4 V IOL = 15 mA Full range 1.5 1.5 V AVD Large-signal differential VCC = ± 2.5 V, RL = 2 kΩ, 25 °C 50 220 50 220 V/mV AVD Large-signal differential voltage amplification VCC = ± 2.5 V, RL = 2 kΩ, VO = 1 V to − 1.5 V Full range 25 25 V/mV ri Input resistance 25 °C 70 70 M Ω ci Input capacitance 25 °C 2.5 2.5 pF zo Open-loop output impedance f = 1 MHz 25 °C 30 30 Ω CMRR Common-mode VIC = VICRmin, RS = 50 Ω 25 °C 85 118 85 118 dB CMRR Common-mode rejection ratio VIC = VICRmin, RS = 50 Ω Full range 80 80 dB kSVR Supply-voltage rejection VCC ± = ±2.5 V to ±15 V, 25 °C 90 106 90 106 dB kSVR Supply-voltage rejection ratio ( ∆VCC± /∆VIO) VCC ± = ±2.5 V to ±15 V, RS = 50 Ω Full range 85 85 dB ICC Supply current VO = 2.5 V, No load, 25 °C 6.6 8.8 6.6 8.8 mA ICC Supply current VO = 2.5 V, VIC = 2.5 V No load, Full range 9.2 9.2 mA † Full range is 0°C to 70°C. |
Similar Part No. - TLE2142AID |
|
Similar Description - TLE2142AID |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |