Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1483CUA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1483CUA
Description  20μA, 1⁄8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1483CUA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1483CUA Datasheet HTML 1Page - Maxim Integrated Products MAX1483CUA Datasheet HTML 2Page - Maxim Integrated Products MAX1483CUA Datasheet HTML 3Page - Maxim Integrated Products MAX1483CUA Datasheet HTML 4Page - Maxim Integrated Products MAX1483CUA Datasheet HTML 5Page - Maxim Integrated Products MAX1483CUA Datasheet HTML 6Page - Maxim Integrated Products MAX1483CUA Datasheet HTML 7Page - Maxim Integrated Products MAX1483CUA Datasheet HTML 8Page - Maxim Integrated Products MAX1483CUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
20µA, 18-Unit-Load, Slew-Rate-Limited
RS-485 Transceivers
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
SWITCHING CHARACTERISTICS
(VCC = 5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
MAX1482,
RE = 0V or VCC
0V
≤ VO ≤ VCC
MAX1483,
RE = 0V or VCC
DE = 0V, RE = VCC
DI = high or low, -7V
≤ VO ≤ 12V (Note 2)
CONDITIONS
55
85
20
35
25
45
mA
±7
±95
IOSR
Receiver Short-Circuit Current
µA
20
35
ICC
No-Load Supply Current
µA
0.1
10
ISHDN
Supply Current in Shutdown
mA
35
250
IOSD
Driver Short-Circuit Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DE = VCC
DE = 0V
DE = VCC
DE = 0V
Figures 4 and 6, CL = 15pF, S2 closed
Figures 4 and 6, CL = 15pF, S1 closed
Figures 4 and 6, CL = 100pF, S1 closed
Figures 4 and 6, CL = 100pF, S2 closed
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Driver Enable to Output High
tZH
0.2
2
Driver Output Skew to Output
tR, tF
0.25
2
µs
Driver Enable to Output Low
tZL
0.1
2
µs
Driver Disable Time from Low
tLZ
0.3
3.0
µs
Driver Disable Time from High
tHZ
0.3
3.0
µs
Driver Input to Output
tPLH
2
tSKEW
800
µs
CONDITIONS
Figures 3 and 5, RDIFF = 54
Ω,
CL1 = CL2 = 100pF
Figures 3 and 5, RDIFF = 54
Ω, CL1 = CL2 = 100pF
µs
Figures 3 and 5, RDIFF = 54
Ω, CL1 = CL2 = 100pF
Driver Rise or Fall Time
tPHL
2
ns
Receiver Input to Output
tPLH, tPHL Figures 3 and 7, RDIFF = 54
Ω, CL1 = CL2 = 100pF
0.25
2.25
µs
| tPLH - tPHL | Differential
Receiver Skew
tSKD
Figures 3 and 7, RDIFF = 54
Ω, CL1 = CL2 = 100pF
160
ns
Receiver Enable to Output Low
tZL
Figures 2 and 8, CRL = 15pF, S1 closed
90
ns
Receiver Enable to Output High
tZH
Figures 2 and 8, CRL = 15pF, S2 closed
90
ns
Receiver Disable Time from Low
tLZ
Figures 2 and 8, CRL = 15pF, S1 closed
90
ns
Receiver Disable Time from High
tHZ
Figures 2 and 8, CRL = 15pF, S2 closed
90
ns
Maximum Data Rate
fMAX
250
kbps
Time to Shutdown
tSHDN
(Note 3)
50
200
600
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) Figures 4 and 6, CL = 100pF, S2 closed
2
µs
Driver Enable from Shutdown to
Output Low
tZL(SHDN)
Figures 4 and 6, CL = 100pF, S1 closed
2
µs
Receiver Enable from Shutdown
to Output High
tZH(SHDN)
Figures 2 and 8, CL = 15pF, S2 closed,
A - B = 2V
3
Receiver Enable from Shutdown
to Output Low
tZL(SHDN)
Figures 2 and 8, CL = 15pF, S1 closed,
B - A = 2V
3
µs
µs
Note 2: Applies to peak current. See Typical Operating Characteristics.
Note 3: The MAX1482/MAX1483 are put into shutdown by bringing
R
E
high and DE low. If the inputs are in this state for less
than 50ns, the parts are guaranteed not to enter shutdown. If the inputs are in this state for at least 600ns, the parts are
guaranteed to have entered shutdown. See Low-Power Shutdown Mode section.


Similar Part No. - MAX1483CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1483CUA MAXIM-MAX1483CUA Datasheet
142Kb / 12P
   20A, 1.8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers
More results

Similar Description - MAX1483CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1482 MAXIM-MAX1482 Datasheet
142Kb / 12P
   20A, 1.8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers
logo
Analog Devices
ADM489 AD-ADM489_15 Datasheet
386Kb / 16P
   Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
ADM488 AD-ADM488_15 Datasheet
386Kb / 16P
   Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
logo
Exar Corporation
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
   5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
TECH PUBLIC Electronics...
ST3485EBDR TECHPUBLIC-ST3485EBDR Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com