Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHW1244N Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MHW1244N
Description  CATV Amplifier Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MHW1244N Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MHW1244N Datasheet HTML 1Page - Freescale Semiconductor, Inc MHW1244N Datasheet HTML 2Page - Freescale Semiconductor, Inc MHW1244N Datasheet HTML 3Page - Freescale Semiconductor, Inc MHW1244N Datasheet HTML 4Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
RF Device Data
Freescale Semiconductor
MHW1244N
Table 2. Electrical Characteristics (VCC = 24 Vdc, TC = +30°C, 75 W system) (continued)
Characteristic
Symbol
MHW1244
Units
Composite Triple Beat Distortion @ + 50 dBmV per ch.
22-Channel FLAT (5.0 - 175 MHz) (2)
26-Channel FLAT (5.0 - 200 MHz) (3)
CTB22
CTB26
- 68 Max
- 67.5 Typ
dBc
dBc
Individual Triple Beat Distortion @ + 50 dBmV per ch.
Mid-Split (5.0 - 120 MHz) T11, T12 and CH2 @ 123.25 MHz
High-Split (5.0 - 175 MHz) T13, CH2 and CH5 @ 175.5 MHz
TB3
TB3
- 87 Typ
- 84 Typ
dBc
dBc
Second Order Distortion @ + 50 dBmV per ch.
High-Split (5.0 - 175 MHz) CH2, CHA @ 176.5 MHz
IMD
- 72 Max
dBc
Noise Figure
High-Split (5.0 - 175 MHz) (2)
NF
5.0 Max
dB
DC Current
IDC
210 Typ/240 Max
mAdc
1. Response and return loss characteristics are tested and guaranteed for the full 5.0 - 200 MHz frequency range.
2. Freescale 100% distortion and noise figure testing is performed over the 5.0 - 175 MHz frequency range. Cross modulation and composite
triple beat testing are with 22-channel loading; Video carriers used are:
T7 - T13
7.0 - 43.0 MHz
7-Channels
2 - 6
55.25 - 83.25 MHz
5-Channels
A - 7
121.25 - 175.25 MHz 10-Channels
3. Video carriers used for 12-Channel typical performances are T7 - 6; For 26-Channel typical performance, Channels 8, 9, 10 and 11 are added
to the 22-Channel carriers listed above.


Similar Part No. - MHW1244N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW1244 MOTOROLA-MHW1244 Datasheet
66Kb / 4P
   Low Distortion Wideband Amplifiers
More results

Similar Description - MHW1244N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHW1253LA FREESCALE-MHW1253LA Datasheet
89Kb / 4P
   CATV Amplifier Module
MHW1346 FREESCALE-MHW1346 Datasheet
69Kb / 4P
   CATV Amplifier Module
logo
NXP Semiconductors
BGD602D PHILIPS-BGD602D Datasheet
46Kb / 7P
   CATV amplifier module
1995 Aug 28
BGD702D PHILIPS-BGD702D Datasheet
70Kb / 8P
   CATV amplifier module
1997 Mar 25
BGD704 PHILIPS-BGD704 Datasheet
55Kb / 12P
   CATV amplifier module
1999 Mar 22
BGD714 PHILIPS-BGD714 Datasheet
55Kb / 8P
   CATV amplifier module
2000 Jan 13
BGD814 PHILIPS-BGD814 Datasheet
67Kb / 12P
   CATV amplifier module
2000 Apr 19
BGD816L PHILIPS-BGD816L Datasheet
48Kb / 8P
   CATV amplifier module
2000 Apr 12
BGX881 PHILIPS-BGX881 Datasheet
22Kb / 5P
   CATV amplifier module
February 1995
BGY585A PHILIPS-BGY585A Datasheet
61Kb / 8P
   CATV amplifier module
1999 Mar 26
BGY588 PHILIPS-BGY588 Datasheet
48Kb / 8P
   CATV amplifier module
1997 Apr 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com