Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML101J14 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # ML101J14
Description  FOR OPTICAL INFORMATION SYSTEM?
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML101J14 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  ML101J14 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML101J14 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ML101J14 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor ML101J14 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor ML101J14 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
( 1 / 5 )
-
Symbol
Parameter
Conditions
Ratings
Unit
Po
Light output power
CW
60
mW
Pulse(Note 2)
70
VRL
Reverse voltage
2
V
-
Tc
Case temperature
-10
~ +60
Tstg
Storage temperature
-
-40
~ +100
Note2: TARGET SPEC /Condition Duty less than 50%,pulse width less than 0.1
µs
Note 1)
as of December '99
Note1: The maximum rating means the limitation over which the laser should not be operated even instant time,
and this does not mean the guarantee of its lifetime. As for the reliability,please refer to the reliability report from Mitsubishi
Semiconductor Quality Assurance Section.
°C
°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
Ith
Threshold current
CW
-
57
mA
Iop
Operating current
CW, Po=50mW
-
132
mA
Slope efficiency
CW, Po=50mW
-0.67
-
mW/mA
Peak wavelength
CW, Po=50mW
660
nm
Beam divergence angle
(parallel)
CW, Po=50mW
8.5
°
Beam divergence angle
(perpendicular)
CW, Po=50mW
22
°
Vop
Operating voltage
CW, Po=50mW
2.5
V
666
-
655
-
-
--
--
η
λp
θ//
θ
3.0
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL/OPTICAL CHARACTERISTICS (Tc=25
°C)
MITSUBISHI
ELECTRIC
FOR OPTICAL INFORMATION SYSTEMS
ML1XX14 SERIES
MITSUBISHI LASER DIODES
FEATURES
High Output Power: 50mW (CW) , 70mW (Pulse)
Visible Light: 660nm (typ.)
APPLICATION
High-Density Optical Disc Drives
Rewritable DVD(Digital Versatile Disc) Drives
DESCRIPTION
ML1XX14 is a high power AlGaInP semiconductor laser which
provides a stable, single transverse mode
oscillation with
emission wavelength of 660 nm and standard PULSE light
output of 70mW.
ML1XX14 has a window-mirror-facet which improves the
maximum output power. That leads to highly reliable and high-
power operation.
TYPE
NAME
ML101J14, ML120G14
This Model is under development. Therefore, please note that this data sheet may be
changed without any notice.
Under
Devel
opme
nt
Preliminary


Similar Part No. - ML101J14

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML101J10 MITSUBISHI-ML101J10 Datasheet
165Kb / 2P
   FOR OPTICAL INFORMATION SYSTEM
ML101J18 MITSUBISHI-ML101J18 Datasheet
74Kb / 3P
   MITSUBISHI LASER DIODES
More results

Similar Description - ML101J14

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML1XX10 MITSUBISHI-ML1XX10 Datasheet
165Kb / 2P
   FOR OPTICAL INFORMATION SYSTEM
ML1XX3 MITSUBISHI-ML1XX3 Datasheet
50Kb / 5P
   FOR OPTICAL INFORMATION SYSTEM?
ML6XX27 MITSUBISHI-ML6XX27 Datasheet
774Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS?
ML6XX25 MITSUBISHI-ML6XX25 Datasheet
87Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML4XX26 MITSUBISHI-ML4XX26 Datasheet
51Kb / 4P
   FOR OPTICAL INFORMATION SYSTEMS
ML1XX2 MITSUBISHI-ML1XX2 Datasheet
50Kb / 5P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX28 MITSUBISHI-ML6XX28 Datasheet
21Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX24 MITSUBISHI-ML6XX24 Datasheet
209Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS?
ML1XX8 MITSUBISHI-ML1XX8 Datasheet
47Kb / 3P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX16 MITSUBISHI-ML6XX16 Datasheet
34Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com