Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1270ANMVCTTR Datasheet(PDF) 11 Page - Microchip Technology

Part # TC1270ANMVCTTR
Description  Voltage Supervisor with Manual Reset Input
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270ANMVCTTR Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC1270ANMVCTTR Datasheet HTML 7Page - Microchip Technology TC1270ANMVCTTR Datasheet HTML 8Page - Microchip Technology TC1270ANMVCTTR Datasheet HTML 9Page - Microchip Technology TC1270ANMVCTTR Datasheet HTML 10Page - Microchip Technology TC1270ANMVCTTR Datasheet HTML 11Page - Microchip Technology TC1270ANMVCTTR Datasheet HTML 12Page - Microchip Technology TC1270ANMVCTTR Datasheet HTML 13Page - Microchip Technology TC1270ANMVCTTR Datasheet HTML 14Page - Microchip Technology TC1270ANMVCTTR Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
© 2007 Microchip Technology Inc.
DS22035B-page 11
TC1270A/70AN/71A
Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, TA = –40°C to +125°C.
FIGURE 2-25:
VDD Falling to Reset
Propagation Delay (tRPD) vs. Temperature
(TC1270AL, TC1270ANL, TC1271AL
- 4.50V min. / 4.63V typ. / 4.75V max.).
FIGURE 2-26:
VDD Falling to Reset
Propagation Delay (tRPD) vs. Temperature
(TC1270AT, TC1270ANT, TC1271AT
- 3.00V min. / 3.08V typ. / 3.15V max.).
FIGURE 2-27:
VDD Falling to Reset
Propagation Delay (tRPD) vs. Temperature
(TC1270AR, TC1270ANR, TC1271AR
- 2.55V min. / 2.63V typ. / 2.70V max.).
FIGURE 2-28:
Reset Timeout Period (tRST)
vs. Temperature
(TC1270AL, TC1270ANL, TC1271AL
- 4.50V min. / 4.63V typ. / 4.75V max.).
FIGURE 2-29:
Reset Timeout Period (tRST)
vs. Temperature
(TC1270AT, TC1270ANT, TC1271AT
- 3.00V min. / 3.08V typ. / 3.15V max.).
FIGURE 2-30:
Reset Timeout Period (tRST)
vs. Temperature
(TC1270AR, TC1270ANR, TC1271AR
- 2.55V min. / 2.63V typ. / 2.70V max.).
48
49
50
51
52
53
54
55
-40
10
60
110
Temperature (°C)
48
49
50
51
52
53
54
55
-40
10
60
110
Temperature (°C)
48
49
50
51
52
53
54
55
-40
10
60
110
Temperature (°C)
275
280
285
290
295
300
305
310
315
320
-40
10
60
110
Temperature (°C)
5.5V
5.0V
4.75V
275
280
285
290
295
300
305
310
315
320
325
-40
10
60
110
Temperature (°C)
5.5V
5.0V
4.5V
4.0V
3.2V
3.15
275
280
285
290
295
300
305
310
315
320
-40
10
60
110
Temperature (°C)
5.5V
5.0V
4.5V
4.0V
3.0V
2.8V


Similar Part No. - TC1270ANMVCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1270AN MICROCHIP-TC1270AN Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
TC1270ANLAVCTTR MICROCHIP-TC1270ANLAVCTTR Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
TC1270ANRBVCTTR MICROCHIP-TC1270ANRBVCTTR Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
TC1270ANTVRCTR MICROCHIP-TC1270ANTVRCTR Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
More results

Similar Description - TC1270ANMVCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A_V01 Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
logo
Texas Instruments
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
logo
Maxim Integrated Produc...
MAX16140 MAXIM-MAX16140 Datasheet
437Kb / 12P
   nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
logo
Analog Devices
MAX16180 AD-MAX16180 Datasheet
449Kb / 11P
   Nano Power, Tiny Supervisor with Manual Reset Input
Rev 0; 11/22
logo
Union Semiconductor, In...
UM706 UNIONSEMI-UM706 Datasheet
558Kb / 15P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
UM706LS UNIONSEMI-UM706LS_15 Datasheet
593Kb / 17P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Alliance Semiconductor ...
ASM811 ALSC-ASM811 Datasheet
229Kb / 10P
   4 Pin P Voltage Supervisor with Manual Reset
logo
Texas Instruments
LM3704 TI1-LM3704 Datasheet
396Kb / 18P
[Old version datasheet]   Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com