Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W29F102P-70B Datasheet(PDF) 11 Page - Winbond

Part # W29F102P-70B
Description  64K 16 CMOS FLASH MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29F102P-70B Datasheet(HTML) 11 Page - Winbond

Back Button W29F102P-70B Datasheet HTML 7Page - Winbond W29F102P-70B Datasheet HTML 8Page - Winbond W29F102P-70B Datasheet HTML 9Page - Winbond W29F102P-70B Datasheet HTML 10Page - Winbond W29F102P-70B Datasheet HTML 11Page - Winbond W29F102P-70B Datasheet HTML 12Page - Winbond W29F102P-70B Datasheet HTML 13Page - Winbond W29F102P-70B Datasheet HTML 14Page - Winbond W29F102P-70B Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
W29F102
Publication Release Date: June 1999
- 11 -
Revision A4
DC CHARACTERISTICS
Absolute Maximum Ratings
PARAMETER
RATING
UNIT
Power Supply Voltage to Vss Potential
-0.5 to +7.0
V
Operating Temperature
0 to +70
°C
Storage Temperature
-65 to +150
°C
D.C. Voltage on Any Pin to Ground Potential except OE
-0.5 to VDD +1.0
V
Transient Voltage (<20 nS ) on Any Pin to Ground Potential
-1.0 to VDD +1.0
V
Voltage on OE Pin to Ground Potential
-0.5 to 12.5
V
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability of the
device.
DC Operating Characteristics
(VDD = 5.0V
±10%, VSS = 0V, TA = 0 to 70° C)
PARAMETER
SYM.
TEST CONDITIONS
LIMITS
UNIT
MIN.
TYP.
MAX.
Power Supply
Current
ICC
CE=OE= VIL, WE= VIH, all
I/Os open Address inputs =
50, 55,
70 nS
-
25
50
mA
VIL/VIH, at f = 5 MHz
45 nS
-
25
70
mA
Standby VDD
Current (TTL input)
ISB1
CE = VIH, all I/Os open
Other inputs = VIL/VIH
-
2
3
mA
Standby VDD
Current
(CMOS input)
ISB2
CE = VDD -0.3V, all I/Os open
Other inputs = VDD -0.3V/GND
-
20
100
µA
Input Leakage
Current
ILI
VIN = GND to VDD
-
-
10
µA
Output Leakage
Current
ILO
VOUT = GND to VDD
-
-
10
µA
Input Low Voltage
VIL
-
50, 55, 70 nS
-0.3
-
0.8
V
45 nS
-0.3
-
0.6
V
Input High Voltage
VIH
-
2.0
-
VDD
+0.5
V
Output Low Voltage
VOL
IOL = 2.1 mA
-
-
0.45
V
Output High Voltage
VOH
IOH = -0.4 mA
2.4
-
-
V


Similar Part No. - W29F102P-70B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011A-15 WINBOND-W29C011A-15 Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011AP-15 WINBOND-W29C011AP-15 Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011AS-15 WINBOND-W29C011AS-15 Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W29F102P-70B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C102 WINBOND-W29C102 Datasheet
254Kb / 21P
   64K 16 CMOS FLASH MEMORY
W49F102 WINBOND-W49F102 Datasheet
277Kb / 21P
   64K X 16 CMOS FLASH MEMORY
W49L102 WINBOND-W49L102 Datasheet
252Kb / 21P
   64K X 16 CMOS 3.3V FLASH MEMORY
W29EE512 WINBOND-W29EE512 Datasheet
153Kb / 22P
   64K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
logo
ATMEL Corporation
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
   1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
logo
Winbond
W49F201 WINBOND-W49F201 Datasheet
267Kb / 23P
   128K X 16 CMOS FLASH MEMORY
logo
Freescale Semiconductor...
FTS64K FREESCALE-FTS64K Datasheet
549Kb / 44P
   64k bytes of Flash memory
logo
Winbond
W39L512 WINBOND-W39L512 Datasheet
304Kb / 25P
   64K 8 COMS FLASH MEMORY
logo
ATMEL Corporation
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com