Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F1220 Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC18F1220
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology
Download  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC18F1220_07 Datasheet HTML 4Page - Microchip Technology PIC18F1220_07 Datasheet HTML 5Page - Microchip Technology PIC18F1220_07 Datasheet HTML 6Page - Microchip Technology PIC18F1220_07 Datasheet HTML 7Page - Microchip Technology PIC18F1220_07 Datasheet HTML 8Page - Microchip Technology PIC18F1220_07 Datasheet HTML 9Page - Microchip Technology PIC18F1220_07 Datasheet HTML 10Page - Microchip Technology PIC18F1220_07 Datasheet HTML 11Page - Microchip Technology PIC18F1220_07 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 308 page
background image
PIC18F1220/1320
DS39605F-page 6
© 2007 Microchip Technology Inc.
1.3
Details on Individual Family
Members
Devices in the PIC18F1220/1320 family are available
in 18-pin, 20-pin and 28-pin packages. A block diagram
for this device family is shown in Figure 1-1.
The devices are differentiated from each other only in
the amount of on-chip Flash program memory
(4 Kbytes for the PIC18F1220 device, 8 Kbytes for the
PIC18F1320 device). These and other features are
summarized in Table 1-1.
A block diagram of the PIC18F1220/1320 device
architecture is provided in Figure 1-1. The pinouts for
this device family are listed in Table 1-2.
TABLE 1-1:
DEVICE FEATURES
Features
PIC18F1220
PIC18F1320
Operating Frequency
DC – 40 MHz
DC – 40 MHz
Program Memory (Bytes)
4096
8192
Program Memory (Instructions)
2048
4096
Data Memory (Bytes)
256
256
Data EEPROM Memory (Bytes)
256
256
Interrupt Sources
15
15
I/O Ports
Ports A, B
Ports A, B
Timers
4
4
Enhanced Capture/Compare/PWM Modules
1
1
Serial Communications
Enhanced USART
Enhanced USART
10-bit Analog-to-Digital Module
7 input channels
7 input channels
Resets (and Delays)
POR, BOR,
RESET
Instruction, Stack Full,
Stack Underflow (PWRT, OST),
MCLR (optional), WDT
POR, BOR,
RESET
Instruction, Stack Full,
Stack Underflow (PWRT, OST),
MCLR (optional), WDT
Programmable Low-Voltage Detect
Yes
Yes
Programmable Brown-out Reset
Yes
Yes
Instruction Set
75 Instructions
75 Instructions
Packages
18-pin SDIP
18-pin SOIC
20-pin SSOP
28-pin QFN
18-pin SDIP
18-pin SOIC
20-pin SSOP
28-pin QFN


Similar Part No. - PIC18F1220_07

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F1220-I MICROCHIP-PIC18F1220-I Datasheet
5Mb / 308P
   18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
12/08/06
PIC18F1220E/PQTP MICROCHIP-PIC18F1220E/PQTP Datasheet
5Mb / 308P
   18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
12/08/06
PIC18F1220E/PSQTP MICROCHIP-PIC18F1220E/PSQTP Datasheet
5Mb / 308P
   18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
12/08/06
PIC18F1220E/SOQTP MICROCHIP-PIC18F1220E/SOQTP Datasheet
5Mb / 308P
   18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
12/08/06
PIC18F1220E/SOSQTP MICROCHIP-PIC18F1220E/SOSQTP Datasheet
5Mb / 308P
   18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
12/08/06
More results

Similar Description - PIC18F1220_07

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F1220 MICROCHIP-PIC18F1220 Datasheet
5Mb / 310P
   18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology
2004
PIC18F1320-IP MICROCHIP-PIC18F1320-IP Datasheet
5Mb / 308P
   18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F1320-I MICROCHIP-PIC18F1320-I Datasheet
3Mb / 308P
   18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F1230 MICROCHIP-PIC18F1230 Datasheet
5Mb / 312P
   18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
2006
PIC16F87 MICROCHIP-PIC16F87 Datasheet
3Mb / 214P
   18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
2003
PIC16F87 MICROCHIP-PIC16F87_05 Datasheet
3Mb / 228P
   18/20/28-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
2005
PIC18F2220 MICROCHIP-PIC18F2220 Datasheet
6Mb / 388P
   28/40/44-Pin High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2003
PIC18F2220 MICROCHIP-PIC18F2220_07 Datasheet
6Mb / 386P
   28/40/44-Pin High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F2420 MICROCHIP-PIC18F2420 Datasheet
6Mb / 390P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F2420 MICROCHIP-PIC18F2420_08 Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com