Part Name
         Description
PIC18F1220_07

 18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology ( 308 Page)


MICROCHIP
100% 
Zoom Out Zoom In
 55 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 53
PIC18F1220/1320
5.12
Indirect Addressing, INDF and
FSR Registers
Indirect addressing is a mode of addressing data mem-
ory, where the data memory address in the instruction
is not fixed. An FSR register is used as a pointer to the
data memory location that is to be read or written. Since
this pointer is in RAM, the contents can be modified by
the program. This can be useful for data tables in the
data memory and for software stacks. Figure 5-8
shows how the fetched instruction is modified prior to
being executed.
Indirect addressing is possible by using one of the
INDF registers. Any instruction, using the INDF regis-
ter, actually accesses the register pointed to by the File
Select Register, FSR. Reading the INDF register itself,
indirectly (FSR = 0), will read 00h. Writing to the INDF
register indirectly, results in a no operation (NOP). The
FSR register contains a 12-bit address, which is shown
The INDFn register is not a physical register. Address-
ing INDFn actually addresses the register whose
address is contained in the FSRn register (FSRn is a
pointer). This is indirect addressing.
Example 5-5 shows a simple use of indirect addressing
to clear the RAM in Bank 1 (locations 100h-1FFh) in a
minimum number of instructions.
EXAMPLE 5-5:
HOW TO CLEAR RAM
(BANK 1) USING
INDIRECT ADDRESSING
There are three indirect addressing registers. To
address the entire data memory space (4096 bytes),
these registers are 12-bit wide. To store the 12 bits of
addressing information, two 8-bit registers are required:
1.
FSR0: composed of FSR0H:FSR0L
2.
FSR1: composed of FSR1H:FSR1L
3.
FSR2: composed of FSR2H:FSR2L
In addition, there are registers INDF0, INDF1 and
INDF2, which are not physically implemented. Reading
or writing to these registers activates indirect address-
ing, with the value in the corresponding FSR register
being the address of the data. If an instruction writes a
value to INDF0, the value will be written to the address
pointed to by FSR0H:FSR0L. A read from INDF1 reads
the
data
from
the
address
pointed
to
by
FSR1H:FSR1L. INDFn can be used in code anywhere
an operand can be used.
If INDF0, INDF1 or INDF2 are read indirectly via an
FSR, all ‘0’s are read (zero bit is set). Similarly, if
INDF0, INDF1 or INDF2 are written to indirectly, the
operation will be equivalent to a NOP instruction and the
Status bits are not affected.
5.12.1
INDIRECT ADDRESSING
OPERATION
Each FSR register has an INDF register associated with
it, plus four additional register addresses. Performing an
operation using one of these five registers determines
how the FSR will be modified during indirect addressing.
When data access is performed using one of the five
INDFn locations, the address selected will configure
the FSRn register to:
• Do nothing to FSRn after an indirect access (no
change) – INDFn
• Auto-decrement FSRn after an indirect access
(post-decrement) – POSTDECn
• Auto-increment FSRn after an indirect access
(post-increment) – POSTINCn
• Auto-increment FSRn before an indirect access
(pre-increment) – PREINCn
• Use the value in the WREG register as an offset
to FSRn. Do not modify the value of the WREG or
the FSRn register after an indirect access (no
change) – PLUSWn
When using the auto-increment or auto-decrement
features, the effect on the FSR is not reflected in the
Status register. For example, if the indirect address
causes the FSR to equal ‘0’, the Z bit will not be set.
Auto-incrementing or auto-decrementing an FSR affects
all 12 bits. That is, when FSRnL overflows from an
increment, FSRnH will be incremented automatically.
Adding these features allows the FSRn to be used as a
stack pointer, in addition to its uses for table operations
in data memory.
Each FSR has an address associated with it that
performs an indexed indirect access. When a data
access to this INDFn location (PLUSWn) occurs, the
FSRn is configured to add the signed value in the
WREG register and the value in FSR to form the
address before an indirect access. The FSR value is
not changed. The WREG offset range is -128 to +127.
If an FSR register contains a value that points to one of
the INDFn, an indirect read will read 00h (zero bit is
set), while an indirect write will be equivalent to a NOP
(Status bits are not affected).
If an indirect addressing write is performed when the tar-
get address is an FSRnH or FSRnL register, the data is
written to the FSR register, but no pre- or post-increment/
decrement is performed.
LFSR
FSR0,0x100
;
NEXT
CLRF
POSTINC0
; Clear INDF
; register then
; inc pointer
BTFSS
FSR0H, 1
; All done with
; Bank1?
GOTO
NEXT
; NO, clear next
CONTINUE
; YES, continue



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PIC18F2220_0728/40/44-Pin High-Performance Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology 1 2 3 4 5 MoreMicrochip Technology
PIC18F2420_0528/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology 1 2 3 4 5 MoreMicrochip Technology
PIC16F7X728/40/44-Pin 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology 1 2 3 4 5 MoreMicrochip Technology
PIC16F87_0518/20/28-Pin Enhanced Flash Microcontrollers with nanoWatt Technology 1 2 3 4 5 MoreMicrochip Technology
PIC18FXX2_0628/40-pin High Performance Enhanced FLASH Microcontrollers with 10-Bit A/D 1 2 3 4 5 MoreMicrochip Technology
PIC17C7XX_00High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D 1 2 3 4 5 MoreMicrochip Technology
PIC18CXX2_01High Performance Microcontrollers with 10-bit A/D 1 2 3 4 5 MoreMicrochip Technology
CA3310_01CMOS 10-Bit A/D Converters with Internal Track and Hold 1 2 3 4 5 MoreIntersil Corporation
LPC2378Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP Ethernet USB 2.0 CAN and 10-bit ADC/DAC 1 2 3 4 5 MoreNXP Semiconductors
T89C51CC02_06Enhanced 8-bit Microcontroller with CAN Controller and Flash 1 2 3 4 5 MoreATMEL Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl